Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNA1009H Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # CNA1009H
Description  Photo lnterrupter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CNA1009H Datasheet(HTML) 1 Page - Panasonic Semiconductor

  CNA1009H Datasheet HTML 1Page - Panasonic Semiconductor CNA1009H Datasheet HTML 2Page - Panasonic Semiconductor CNA1009H Datasheet HTML 3Page - Panasonic Semiconductor CNA1009H Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transmissive Photosensors (Photo lnterrupters)
1
Publication date: April 2004
SHG00017BED
CNZ1021 (ON1021), CNZ1023 (ON1023),
CNA1009H (ON1024)
Photo lnterrupter
For contactless SW, object detection
■ Features
• Highly precise position detection: 0.25 mm
• Gap width: 3 mm (CNZ1021, CNZ1023)
5 mm (CNA1009H)
• The type directly attached to PCB ....... CNZ1021
Screw-fastened type (one side) ............ CNZ1023
The type directly attached to PCB ....... CNA1009H
(with a positioning pins)
■ Overview
CNZ1021, CNZ1023 and CNA1009H are a transmis-
sive photosensor in which a high efficiency GaAs infra-
red light emitting diode is used as the light emitting ele-
ment, and a high sensitivity phototransistor is used as
the light detecting element. The two elements are ar-
ranged so as to face each other, and objects passing be-
tween them are detected.
CNA1009H
Unit: mm
CNZ1023
Unit: mm
CNZ1021
Unit: mm
Σ
A
A'
23
14
SEC. A-A'
12.0
(C1.2)
3.0±0.15
(7.6)
(2.54)
(2-0.45)
(2-0.45)
Device
center
5.0
0.4±0.1
Σ
23
14
A
A'
SEC. A-A'
12.0
(C1.2)
3.0±0.15
(7.6)
(2.54)
(2-0.45)
2.0
(2-0.45)
Device
center
5.0
12.0±0.15
18.0
0.4±0.1
0.5
3.5
2-R1.5
(4-R2)
φ3.0
+0.15
-0
Σ
SEC. A-A'
(C1)
(2.54)
5.0
6.0
0.5±0.1
23
14
A
A'
14.0
5.0±0.15
(10.0)
6.6±0.1
2.35±0.1
(2-0.45)
Device
center
(2-0.45)
2-
φ0.7±0.1
(Note) 1. Tolerance unless otherwise specified is
±0.3
2. ( ) Dimension is reference
1: Anode
2: Cathode
3: Collector
4: Emitter
PISTR104-001 Package
Note) The part numbers in the parenthesis show conventional part number.
1: Anode
2: Cathode
3: Collector
4: Emitter
PISTR104-003 Package
1: Anode
2: Cathode
3: Collector
4: Emitter
PISTR104-004 Package


Similar Part No. - CNA1009H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNA1009H PANASONIC-CNA1009H Datasheet
64Kb / 3P
   Photo Interrupters
More results

Similar Description - CNA1009H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNA1012K PANASONIC-CNA1012K Datasheet
88Kb / 3P
   Photo lnterrupter For contactless SW, object detection
logo
Toshiba Semiconductor
TLP822 TOSHIBA-TLP822 Datasheet
430Kb / 11P
   PHOTO INTERRUPTERS INFRARED LED PHOTO TRANSISTOR
logo
KODENSHI_AUK CORP.
SP-1CL3 KODENSHI-SP-1CL3 Datasheet
268Kb / 2P
   Photo diodes
logo
AUK corp
ST3311 AUK-ST3311 Datasheet
56Kb / 3P
   Photo Transistor
logo
NEC
PH312 NEC-PH312 Datasheet
49Kb / 2P
   PHOTO DIODE
PH108A NEC-PH108A Datasheet
62Kb / 2P
   PHOTO TRANSISTOR
logo
Marktech Corporate
MTD2001M MARKTECH-MTD2001M Datasheet
48Kb / 2P
   Photo Diode
MTD8000NW MARKTECH-MTD8000NW Datasheet
56Kb / 2P
   Photo Transistor
MTD8060P MARKTECH-MTD8060P Datasheet
104Kb / 2P
   Photo Transistor
logo
New Japan Radio
NJL5161K NJRC-NJL5161K Datasheet
306Kb / 9P
   PHOTO REFLECTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com