Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7313AEG Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7313AEG
Description  16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7313AEG Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7313AEG Datasheet HTML 1Page - Maxim Integrated Products MAX7313AEG Datasheet HTML 2Page - Maxim Integrated Products MAX7313AEG Datasheet HTML 3Page - Maxim Integrated Products MAX7313AEG Datasheet HTML 4Page - Maxim Integrated Products MAX7313AEG Datasheet HTML 5Page - Maxim Integrated Products MAX7313AEG Datasheet HTML 6Page - Maxim Integrated Products MAX7313AEG Datasheet HTML 7Page - Maxim Integrated Products MAX7313AEG Datasheet HTML 8Page - Maxim Integrated Products MAX7313AEG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
16-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Typical Operating Circuit, V+ = 2V to 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = 3.3V, TA = + 25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
0.15
0.26
TA = -40°C to +85°C
0.3
V+ = 2V, ISINK = 20mA
TA = TMIN to TMAX
0.32
TA = +25°C
0.13
0.23
TA = -40°C to +85°C
0.26
V+ = 2.5V, ISINK = 20mA
TA = TMIN to TMAX
0.28
TA = +25°C
0.12
0.23
TA = -40°C to +85°C
0.24
Output Low Voltage
P0–P15, INT/O16
VOL
V+ = 3.3V, ISINK = 20mA
TA = TMIN to TMAX
0.26
V
Output Low-Voltage SDA
VOLSDA
ISINK = 6mA
0.4
V
PWM Clock Frequency
fPWM
32
kHz
TIMING CHARACTERISTICS
(Typical Operating Circuit, V+ = 2V to 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = 3.3V, TA = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Serial Clock Frequency
fSCL
400
kHz
Bus Free Time Between a STOP and a START
Condition
tBUF
1.3
µs
Hold Time, Repeated START Condition
tHD, STA
0.6
µs
Repeated START Condition Setup Time
tSU, STA
0.6
µs
STOP Condition Setup Time
tSU, STO
0.6
µs
Data Hold Time
tHD, DAT
(Note 2)
0.9
µs
Data Setup Time
tSU, DAT
180
ns
SCL Clock Low Period
tLOW
1.3
µs
SCL Clock High Period
tHIGH
0.7
µs
Rise Time of Both SDA and SCL Signals, Receiving
tR
(Notes 3, 4)
20 +
0.1Cb
300
ns
Fall Time of Both SDA and SCL Signals, Receiving
tF
(Notes 3, 4)
20 +
0.1Cb
300
ns
Fall Time of SDA Transmitting
tF.TX
(Notes 2, 3, 5)
20 +
0.1Cb
250
ns
Pulse Width of Spike Suppressed
tSP
(Notes 2, 6)
50
ns
Capacitive Load for Each Bus Line
Cb
(Notes 2, 3)
400
pF


Similar Part No. - MAX7313AEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7313AEG MAXIM-MAX7313AEG Datasheet
253Kb / 26P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
More results

Similar Description - MAX7313AEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7313 MAXIM-MAX7313_11 Datasheet
253Kb / 26P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7316 MAXIM-MAX7316_V01 Datasheet
475Kb / 24P
   10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
MAX7316 MAXIM-MAX7316 Datasheet
284Kb / 25P
   10-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7315 MAXIM-MAX7315 Datasheet
448Kb / 27P
   8-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7312 MAXIM-MAX7312 Datasheet
373Kb / 17P
   2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
19-3057; Rev 0; 10/03
MAX7314 MAXIM-MAX7314 Datasheet
402Kb / 25P
   18-Port GPIO with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7312 MAXIM-MAX7312_V01 Datasheet
296Kb / 16P
   2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
2005
MAX7311 MAXIM-MAX7311 Datasheet
376Kb / 16P
   2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
Rev 4; 4/05
MAX7318 MAXIM-MAX7318 Datasheet
312Kb / 16P
   2-Wire-Interfaced, 16-Bit, I/O Port Expander with Interrupt and Hot-Insertion Protection
Rev 2; 4/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com