Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14541BDR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC14541BDR2
Description  Programmable Timer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14541BDR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC14541BDR2 Datasheet HTML 1Page - ON Semiconductor MC14541BDR2 Datasheet HTML 2Page - ON Semiconductor MC14541BDR2 Datasheet HTML 3Page - ON Semiconductor MC14541BDR2 Datasheet HTML 4Page - ON Semiconductor MC14541BDR2 Datasheet HTML 5Page - ON Semiconductor MC14541BDR2 Datasheet HTML 6Page - ON Semiconductor MC14541BDR2 Datasheet HTML 7Page - ON Semiconductor MC14541BDR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC14541B
http://onsemi.com
2
PIN ASSIGNMENT
NC = NO CONNECTION
11
12
13
14
8
9
10
5
4
3
2
1
7
6
MODE
NC
A
B
VDD
Q
Q/Q SEL
NC
RS
Ctc
Rtc
VSS
MR
AR
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
VDD
– 55
_C
25
_C
125
_C
Characteristic
Symbol
Vdc
Min
Max
Min
Typ (4.)
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
10
15
– 7.96
– 4.19
– 16.3
– 6.42
– 3.38
– 13.2
– 12.83
– 6.75
– 26.33
– 4.49
– 2.37
– 9.24
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
1.93
4.96
19.3
1.56
4.0
15.6
3.12
8.0
31.2
1.09
2.8
10.9
mAdc
Input Current
Iin
15
± 0.1
±0.00001
± 0.1
± 1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Pin 5 is High)
Auto Reset Disabled
IDD
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
µAdc
Auto Reset Quiescent Current
(Pin 5 is low)
IDDR
10
15
250
500
30
82
250
500
1500
2000
µAdc
Supply Current (5.) (6.)
(Dynamic plus Quiescent)
ID
5.0
10
15
ID = (0.4 µA/kHz) f + IDD
ID = (0.8 µA/kHz) f + IDD
ID = (1.2 µA/kHz) f + IDD
µAdc
4. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
5. The formulas given are for the typical characteristics only at 25
_C.
6. When using the on chip oscillator the total supply current (in
µAdc) becomes: IT = ID + 2 Ctc VDD f x 10–3 where ID is in µA, Ctc is in pF,
VDD in Volts DC, and f in kHz. (see Fig. 3) Dissipation during power–on with automatic reset enabled is typically 50 µA @ VDD = 10 Vdc.


Similar Part No. - MC14541BDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541BDR2 ONSEMI-MC14541BDR2 Datasheet
163Kb / 10P
   Programmable Timer
October, 2006 ??Rev. 10
MC14541BDR2G ONSEMI-MC14541BDR2G Datasheet
163Kb / 10P
   Programmable Timer
October, 2006 ??Rev. 10
MC14541BDR2G ONSEMI-MC14541BDR2G Datasheet
142Kb / 9P
   Programmable Timer
July, 2014 ??Rev. 14
More results

Similar Description - MC14541BDR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com