Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5256FP-70XL-I Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M5M5256FP-70XL-I
Description  262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5256FP-70XL-I Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M5M5256FP-70XL-I Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5256FP-70XL-I Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5256FP-70XL-I Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5256FP-70XL-I Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5256FP-70XL-I Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5256FP-70XL-I Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5256FP-70XL-I Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MITSUBISHI LSIs
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
M5M5256DP,KP,FP,VP,RV -45LL-I,-55LL-I,-70LL-I,
-45XL-I,-55XL-I,-70XL-I
'97.4.7
FUNCTION
FUNCTION TABLE
The operation mode of the M5M5256DP,KP,FP,VP,RV is
determined by a combination of the device control inputs /S,
/W and /OE. Each mode is summarized in the function table.
A write cycle is executed whenever the low level /W
overlaps with the low level /S. The address must be set up
before the write cycle and must be stable during the entire
cycle. The data is latched into a cell on the trailing edge of
/W, /S, whichever occurs first, requiring the set-up and hold
time relative to these edge to be maintained. The output
enable /OE directly controls the output stage. Setting the
/OE at a high level,the output stage is in a high-impedance
state, and the data bus contention problem in the write cycle
is eliminated.
Mode
DQ
Icc
/S
/W
/OE
Non selection
Write
Read
Stand-by
Active
Active
Active
High-impedance
DIN
DOUT
X
X
L
L
L
L
X
L
H
H
H
H
High-impedance
2
A read cycle is executed by setting /W at a high level and
/OE at a low level while /S are in an active state.
When setting /S at a high level, the chip is in a
non-selectable mode in which both reading and writing are
disabled. In this mode, the output stage is in a
high-impedance state, allowing OR-tie with other chips and
memory expansion by /S. The power supply current is
reduced as low as the stand-by current which is specified
as Icc3 or Icc4, and the memory data can be held at +2V
power supply, enabling battery back-up operation during
power failure or power-down operation in the non-selected
mode.
VCC
(5V)
GND
(0V)
27
20
22
2
3
4
6
5
7
25
26
1
8
9
10
21
23
24
2
12
11
13
15
16
17
18
19
(512 ROWS X
512 COLUMNS)
32768 WORD
X 8BIT
GENERATOR
CLOCK
A 14
A 13
A 8
A 12
A 6
A 7
A 10
A 0
A 1
A 2
A 3
A 4
A 5
A 11
A 9
/W
/OE
/S
28
14
DQ8
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
ADDRESS
INPUT
DATA I/O
WRITE CONTROL
INPUT
OUTPUT ENABLE
INPUT
CHIP SELECT
INPUT
BLOCK DIAGRAM


Similar Part No. - M5M5256FP-70XL-I

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5256FP-70XL-W MITSUBISHI-M5M5256FP-70XL-W Datasheet
46Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5256FP-70XL-I

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
165Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com