Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP9312-EB Datasheet(PDF) 2 Page - Cirrus Logic

Part # EP9312-EB
Description  Universal Platform System-on-chip Processor
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9312-EB Datasheet(HTML) 2 Page - Cirrus Logic

  EP9312-EB Datasheet HTML 1Page - Cirrus Logic EP9312-EB Datasheet HTML 2Page - Cirrus Logic EP9312-EB Datasheet HTML 3Page - Cirrus Logic EP9312-EB Datasheet HTML 4Page - Cirrus Logic EP9312-EB Datasheet HTML 5Page - Cirrus Logic EP9312-EB Datasheet HTML 6Page - Cirrus Logic EP9312-EB Datasheet HTML 7Page - Cirrus Logic EP9312-EB Datasheet HTML 8Page - Cirrus Logic EP9312-EB Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
2
©Copyright 2005 Cirrus Logic (All Rights Reserved)
DS515PP7
EP9312
Universal Platform SOC Processor
The EP9312 is an ARM920T-based system-on-a-chip
design with a large peripheral set targeted to a variety of
applications:
Thin client computers for business and home
Internet radio
Internet access devices
Industrial computers
Specialized terminals
Point of sale terminals
Test and measurement equipment
The ARM920T microprocessor core with separate 16-
kbyte, 64-way set-associative instruction and data
caches is augmented by the MaverickCrunch™ co-
processor
enabling
high-speed
floating
point
calculations.
MaverickKeyunique hardware programmed IDs are a
solution to the growing concern over secure web content
and commerce. With Internet security playing an
important role in the delivery of digital media such as
books or music, traditional software methods are quickly
becoming unreliable. The MaverickKey unique IDs
provide OEMs with a method of utilizing specific
hardware IDs such as those assigned for SDMI (Secure
Digital Music Initiative) or any other authentication
mechanism.
A high-performance 1/10/100 Mbps Ethernet media
access Controller (EMAC) is included along with external
interfaces to SPI, I2S audio, Raster/LCD, IDE storage
peripherals, keypad, and touchscreen. A three-port USB
2.0 Full-speed Host (OHCI) (12 Mbits per second) and
three UARTs are included as well.
The EP9312 is a high-performance, low-power, RISC-
based, single-chip computer built around an ARM920T
microprocessor core with a maximum operating clock
rate of 200 MHz (184 MHz for industrial conditions). The
ARM core operates from a 1.8 V supply, while the I/O
operates at 3.3 V with power usage between 100 mW
and 750 mW (dependent on speed).
OVERVIEW
Table A. Change History
Revision
Date
Changes
1
March 2001
Initial Release.
2
June 2001
Upgrade to revision B silicon.
3
August 2001
Upgrade to revision C silicon.
4
May 2003
Upgrade to revision D silicon.
5
December 2003
Update timing data.
6
July 2004
Update AC data.
Add ADC data.
7
Febuary 2005
Update with most-current characterization data.


Similar Part No. - EP9312-EB

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9310 PCA-EP9310 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9310 PCA-EP9310 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9311 PCA-EP9311 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9311 PCA-EP9311 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9313 PCA-EP9313 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
More results

Similar Description - EP9312-EB

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP9315 CIRRUS-EP9315 Datasheet
1Mb / 64P
   Enhanced Universal Platform System-on-Chip Processor
logo
List of Unclassifed Man...
ARM920T ETC-ARM920T Datasheet
129Kb / 12P
   System-on-Chip Platform OS Processor
TA7S04 ETC1-TA7S04 Datasheet
1Mb / 198P
   Triscend A7S Configurable System-on-Chip Platform
logo
Infineon Technologies A...
ADM5120P INFINEON-ADM5120P Datasheet
119Kb / 2P
   System on Chip (SoC) Network Processor
logo
Cirrus Logic
EP9301 CIRRUS-EP9301 Datasheet
297Kb / 41P
   Entry-level ARM9 System-on-chip Processor
logo
Linear Technology
LTC2986 LINER-LTC2986 Datasheet
1Mb / 14P
   Input Protected Universal Temperature Measurement System on a Chip
logo
Carlo Gavazzi Holding A...
UWP3.0 CARLOGAVAZZI-UWP3.0 Datasheet
2Mb / 21P
   Universal web platform
logo
Infineon Technologies A...
TLE8261-2E INFINEON-TLE8261-2E Datasheet
1Mb / 83P
   Universal System Basis Chip
Rev. 1.0, May 2009
logo
Cirrus Logic
EP9302 CIRRUS-EP9302 Datasheet
302Kb / 42P
   High-speed ARM9 System-on-chip Processor with MaverickCrunch
logo
Infineon Technologies A...
TLE8262-2E INFINEON-TLE8262-2E Datasheet
1Mb / 94P
   Universal System Basis Chip
Rev. 1.0, May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com