Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP9312-IB Datasheet(PDF) 5 Page - Cirrus Logic

Part # EP9312-IB
Description  Universal Platform System-on-chip Processor
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9312-IB Datasheet(HTML) 5 Page - Cirrus Logic

  EP9312-IB Datasheet HTML 1Page - Cirrus Logic EP9312-IB Datasheet HTML 2Page - Cirrus Logic EP9312-IB Datasheet HTML 3Page - Cirrus Logic EP9312-IB Datasheet HTML 4Page - Cirrus Logic EP9312-IB Datasheet HTML 5Page - Cirrus Logic EP9312-IB Datasheet HTML 6Page - Cirrus Logic EP9312-IB Datasheet HTML 7Page - Cirrus Logic EP9312-IB Datasheet HTML 8Page - Cirrus Logic EP9312-IB Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
DS515PP7
©Copyright 2005 Cirrus Logic (All Rights Reserved)
5
EP9312
Universal Platform SOC Processor
List of Tables
Table A. Change History .......................................................................................................... 2
Table B. General Purpose Memory Interface Pin Assignments .............................................. 6
Table C. IDE Interface Pin Assignments .................................................................................. 7
Table D. Ethernet Media Access Controller Pin Assignments ................................................. 7
Table E. Audio Interfaces Pin Assignment .............................................................................. 7
Table F. LCD Interface Pin Assignments ................................................................................ 8
Table G. Touch Screen Interface with 12-bit Analog-to-Digital Converter Pin Assignments ... 8
Table H. 64-Key Keypad Interface Pin Assignments ............................................................... 8
Table I. Universal Asynchronous Receiver/Transmitters Pin Assignments ............................ 9
Table J. Triple Port USB Host Pin Assignments ..................................................................... 9
Table K. Two-Wire Port with EEPROM Support Pin Assignments .......................................... 9
Table L. Real-Time Clock with Pin Assignments ..................................................................... 9
Table M.PLL and Clocking Pin Assignments ........................................................................ 10
Table N. Interrupt Controller Pin Assignment ........................................................................ 10
Table O. Dual LED Pin Assignments ..................................................................................... 10
Table P. General Purpose Input/Output Pin Assignment ...................................................... 10
Table Q. Reset and Power Management Pin Assignments ................................................... 10
Table R. Hardware Debug Interface ...................................................................................... 11
Table R. 352 Pin Diagram Dimensions .................................................................................. 54
Table S. Pin Descriptions ..................................................................................................... 59
Table T. Pin Multiplex Usage Information ............................................................................. 60


Similar Part No. - EP9312-IB

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9310 PCA-EP9310 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9310 PCA-EP9310 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9311 PCA-EP9311 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9311 PCA-EP9311 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9313 PCA-EP9313 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
More results

Similar Description - EP9312-IB

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP9315 CIRRUS-EP9315 Datasheet
1Mb / 64P
   Enhanced Universal Platform System-on-Chip Processor
logo
List of Unclassifed Man...
ARM920T ETC-ARM920T Datasheet
129Kb / 12P
   System-on-Chip Platform OS Processor
TA7S04 ETC1-TA7S04 Datasheet
1Mb / 198P
   Triscend A7S Configurable System-on-Chip Platform
logo
Infineon Technologies A...
ADM5120P INFINEON-ADM5120P Datasheet
119Kb / 2P
   System on Chip (SoC) Network Processor
logo
Cirrus Logic
EP9301 CIRRUS-EP9301 Datasheet
297Kb / 41P
   Entry-level ARM9 System-on-chip Processor
logo
Linear Technology
LTC2986 LINER-LTC2986 Datasheet
1Mb / 14P
   Input Protected Universal Temperature Measurement System on a Chip
logo
Carlo Gavazzi Holding A...
UWP3.0 CARLOGAVAZZI-UWP3.0 Datasheet
2Mb / 21P
   Universal web platform
logo
Infineon Technologies A...
TLE8261-2E INFINEON-TLE8261-2E Datasheet
1Mb / 83P
   Universal System Basis Chip
Rev. 1.0, May 2009
logo
Cirrus Logic
EP9302 CIRRUS-EP9302 Datasheet
302Kb / 42P
   High-speed ARM9 System-on-chip Processor with MaverickCrunch
logo
Infineon Technologies A...
TLE8262-2E INFINEON-TLE8262-2E Datasheet
1Mb / 94P
   Universal System Basis Chip
Rev. 1.0, May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com