Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP9315-CB Datasheet(PDF) 8 Page - Cirrus Logic

Part # EP9315-CB
Description  Enhanced Universal Platform System-on-Chip Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9315-CB Datasheet(HTML) 8 Page - Cirrus Logic

Back Button EP9315-CB Datasheet HTML 4Page - Cirrus Logic EP9315-CB Datasheet HTML 5Page - Cirrus Logic EP9315-CB Datasheet HTML 6Page - Cirrus Logic EP9315-CB Datasheet HTML 7Page - Cirrus Logic EP9315-CB Datasheet HTML 8Page - Cirrus Logic EP9315-CB Datasheet HTML 9Page - Cirrus Logic EP9315-CB Datasheet HTML 10Page - Cirrus Logic EP9315-CB Datasheet HTML 11Page - Cirrus Logic EP9315-CB Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
8
©Copyright 2005 Cirrus Logic (All Rights Reserved)
DS638PP4
EP9315
Enhanced Universal Platform SOC Processor
Timing and interface signals for digital LCD and TFT
displays
Full programmability for either non-interlaced or dual-
scan color and grayscale flat panel displays
Dedicated data path to SDRAM controller for
improved system performance
Pixel depths of 4, 8, 16, or 24 bits per pixel or 256
levels of grayscale
Hardware Cursor up to 64 x 64 pixels
256 x 18 Color Lookup Table
Hardware Blinking
8-bit interface to low end panel
Graphics Accelerator
The EP9315 contains a hardware graphics acceleration
engine that improves graphic performance by handling
block copy, block fill and hardware line draw operations.
The Graphics Accelerator is used in the system to off-
load graphics operations from the processor.
Pixel depths supported by the Graphics Accelerator are
4, 8, 16 or 24 bits per pixel. The 24 bits per pixel mode
can be operated as packed (4 pixels every 3 words) or
unpacked (1 pixel per word with the high byte unused.)
The block copy operations of the Graphics Accelerator
are similar to a DMA (Direct Memory Access) transfer
that
understands
pixel
organization,
block
width,
transparency, and transformation from 1bpp to higher 4,
8, 16 or 24bpp.
The line draw operations also allow for solid lines or
dashed lines. The colors for line drawing can be either
foreground color and background color or foreground
color with the background being transparent.
Touch Screen Interface with 12-bit Analog-
to-digital Converter (ADC)
The touch screen interface performs all sampling,
averaging, ADC range checking, and control for a wide
variety of analog resistive touch screens. This controller
only interrupts the processor when a meaningful change
occurs. The touch screen hardware may be disabled and
the switch matrix and ADC controlled directly if desired.
Features include:
Support for 4-, 5-, 7-, or 8-wire analog resistive touch
screens.
Flexibility - unused lines may be used for temperature
sensing or other functions.
Touch screen interrupt function.
64-Key Keypad Interface
The keypad circuitry scans an 8 x 8 array of 64 normally
open, single-pole switches. Any one or two keys
depressed will be de-bounced and decoded. An interrupt
is generated whenever a stable set of depressed keys is
detected. If the keypad is not utilized, the 16 column/row
pins may be used as general purpose I/O. The Keypad
interface:
Provides scanning, debounce, and decoding for a 64-
key switch array.
Scans an 8-row by 8-column matrix.
May decode 2 keys at once.
Generates an interrupt when a new stable key is
determined.
Also generates a 3-key reset interrupt.
Table F. LCD Interface Pin Assignments
Pin Mnemonic
Pin Description
SPCLK
Pixel Clock
P[17:0]
Pixel Data Bus [17:0]
HSYNC / LP
Horizontal
Synchronization / Line Pulse
VCSYNC / FP
Vertical or Composite
Synchronization / Frame Pulse
BLANK
Composite Blank
BRIGHT
Pulse Width Modulated Brightness
Table G. Touch Screen Interface with 12-bit Analog-to-Digital
Converter Pin Assignments
Pin Mnemonic
Pin Description
Xp, Xm
Touch screen ADC X Axis
Yp, Ym
Touch screen ADC Y Axis
SXp, SXm
Touch screen ADC X Axis
Voltage Feedback
SYp, SYm
Touch screen ADC Y Axis
Voltage Feedback
Table H. 64-Key Keypad Interface Pin Assignments
Pin Mnemonic
Pin
Description
Alternative Usage
COL[7:0]
Key Matrix Column
Inputs
General Purpose I/O
ROW[7:0]
Key Matrix Row
Inputs
General Purpose I/O


Similar Part No. - EP9315-CB

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9315 PCA-EP9315 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9315 PCA-EP9315 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
More results

Similar Description - EP9315-CB

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP9312 CIRRUS-EP9312 Datasheet
884Kb / 62P
   Universal Platform System-on-chip Processor
logo
List of Unclassifed Man...
ARM920T ETC-ARM920T Datasheet
129Kb / 12P
   System-on-Chip Platform OS Processor
TA7S04 ETC1-TA7S04 Datasheet
1Mb / 198P
   Triscend A7S Configurable System-on-Chip Platform
logo
Infineon Technologies A...
ADM5120P INFINEON-ADM5120P Datasheet
119Kb / 2P
   System on Chip (SoC) Network Processor
logo
Cirrus Logic
EP9301 CIRRUS-EP9301 Datasheet
297Kb / 41P
   Entry-level ARM9 System-on-chip Processor
logo
Linear Technology
LTC2986 LINER-LTC2986 Datasheet
1Mb / 14P
   Input Protected Universal Temperature Measurement System on a Chip
logo
Cirrus Logic
EP7312 CIRRUS-EP7312_05 Datasheet
1Mb / 64P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
logo
Carlo Gavazzi Holding A...
UWP3.0 CARLOGAVAZZI-UWP3.0 Datasheet
2Mb / 21P
   Universal web platform
logo
Infineon Technologies A...
TLE8261-2E INFINEON-TLE8261-2E Datasheet
1Mb / 83P
   Universal System Basis Chip
Rev. 1.0, May 2009
logo
Cirrus Logic
EP9302 CIRRUS-EP9302 Datasheet
302Kb / 42P
   High-speed ARM9 System-on-chip Processor with MaverickCrunch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com