Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP9312 Datasheet(PDF) 6 Page - Cirrus Logic

Part # EP9312
Description  Universal Platform System-on-chip Processor
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9312 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button EP9312 Datasheet HTML 2Page - Cirrus Logic EP9312 Datasheet HTML 3Page - Cirrus Logic EP9312 Datasheet HTML 4Page - Cirrus Logic EP9312 Datasheet HTML 5Page - Cirrus Logic EP9312 Datasheet HTML 6Page - Cirrus Logic EP9312 Datasheet HTML 7Page - Cirrus Logic EP9312 Datasheet HTML 8Page - Cirrus Logic EP9312 Datasheet HTML 9Page - Cirrus Logic EP9312 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
6
©Copyright 2005 Cirrus Logic (All Rights Reserved)
DS515PP7
EP9312
Universal Platform SOC Processor
Processor Core - ARM920T
The ARM920T is a Harvard architecture processor with
separate 16-kbyte instruction and data caches with an 8-
word line length but a unified memory. The processor
utilizes a five-stage pipeline consisting of fetch, decode,
execute, memory, and write stages. Key features include:
ARM (32-bit) and Thumb (16-bit compressed)
Instruction Sets
32-bit Advanced Microcontroller Bus Architecture
(AMBA)
16-kbyte Instruction Cache with lockdown
16-kbyte Data Cache (programmable write-through or
write-back) with Lockdown
MMU for Linux®, Microsoft® Windows® CE, and other
operating systems
Translation Look Aside Buffers with 64 Data and 64
Instruction Entries
Programmable Page Sizes of 1 Mbyte, 64 kbyte,
4 kbyte, and 1 kbyte
Independent lockdown of TLB Entries
MaverickCrunchMath Engine
The
MaverickCrunch
Engine
is
a
mixed-mode
coprocessor designed primarily to accelerate the math
processing required to rapidly encode digital audio
formats. It accelerates single- and double-precision
integer and floating point operations plus an integer
multiply-accumulate
(MAC)
instruction
that
is
considerably faster than the ARM920T's native MAC
instruction. The ARM920T coprocessor interface is
utilized thereby sharing its memory interface and
instruction stream. Hardware forwarding and interlock
allows the ARM to handle looping and addressing while
MaverickCrunch handles computation. Features include:
IEEE-754 single and double-precision floating point
32 / 64-bit integer
Add / multiply / compare
Integer MAC 32-bit input with 72-bit accumulate
Integer Shifts
Floating point to/from integer conversion
Sixteen 64-bit register files
Four 72-bit accumulators
MaverickKeyUnique ID
MaverickKey unique hardware programmed IDs are a
solution to the growing concern over secure web content
and commerce. With Internet
security
playing an
important role in the delivery of digital media such as
books or music, traditional software methods are quickly
becoming unreliable. The MaverickKey unique IDs
provide OEMs with a method of utilizing specific
hardware IDs such as those assigned for SDMI (Secure
Digital Music Initiative) or any other authentication
mechanism.
Both a specific 32-bit ID as well as a 128-bit random ID
are programmed into the EP9312 through the use of
laser probing technology. These IDs can then be used to
match secure copyrighted content with the ID of the
target device the EP9312 is powering, and then deliver
the copyrighted information over a secure connection. In
addition, secure
transactions
can
benefit
by
also
matching device IDs to server IDs. MaverickKey IDs
provide a level of hardware security required for today’s
Internet appliances.
General Purpose Memory Interface (SDRAM,
SRAM, ROM, FLASH)
The EP9312 features a unified memory address model
where all memory devices are accessed over a common
address/data bus. A separate internal port is dedicated to
the read-only Raster/LCD refresh engine, while the rest
of the memory accesses are performed via the Processor
bus. The SRAM memory controller supports 8, 16 and
32-bit devices and accommodates an internal boot ROM
concurrently with 32-bit SDRAM memory.
1 to 4 banks of 32-bit, 66- or 100-MHz SDRAM
One internal port dedicated to the Raster/LCD
Refresh Engine (Read Only)
Address and data bus shared between SDRAM,
SRAM, ROM, and FLASH memory
NOR FLASH memory supported
Table B. General Purpose Memory Interface Pin Assignments
Pin Mnemonic
Pin Description
SDCLK
SDRAM Clock
SDCLKEN
SDRAM Clock Enable
SDCSn[3:0]
SDRAM Chip Selects 3-0
RASn
SDRAM RAS
CASn
SDRAM CAS
SDWEn
SDRAM Write Enable
CSn[7:6] and CSn[3:0]
Chip Selects 7, 6, 3, 2, 1, 0
AD[25:0]
Address Bus 25-0
DA[31:0]
Data Bus 31-0
DQMn[3:0]
SDRAM Output Enables / Data Masks
WRn
SRAM Write Strobe
RDn
SRAM Read / OE Strobe
WAITn
SRAM Wait Input


Similar Part No. - EP9312

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9310 PCA-EP9310 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9310 PCA-EP9310 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9311 PCA-EP9311 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9311 PCA-EP9311 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9313 PCA-EP9313 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
More results

Similar Description - EP9312

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP9315 CIRRUS-EP9315 Datasheet
1Mb / 64P
   Enhanced Universal Platform System-on-Chip Processor
logo
List of Unclassifed Man...
ARM920T ETC-ARM920T Datasheet
129Kb / 12P
   System-on-Chip Platform OS Processor
TA7S04 ETC1-TA7S04 Datasheet
1Mb / 198P
   Triscend A7S Configurable System-on-Chip Platform
logo
Infineon Technologies A...
ADM5120P INFINEON-ADM5120P Datasheet
119Kb / 2P
   System on Chip (SoC) Network Processor
logo
Cirrus Logic
EP9301 CIRRUS-EP9301 Datasheet
297Kb / 41P
   Entry-level ARM9 System-on-chip Processor
logo
Linear Technology
LTC2986 LINER-LTC2986 Datasheet
1Mb / 14P
   Input Protected Universal Temperature Measurement System on a Chip
logo
Carlo Gavazzi Holding A...
UWP3.0 CARLOGAVAZZI-UWP3.0 Datasheet
2Mb / 21P
   Universal web platform
logo
Infineon Technologies A...
TLE8261-2E INFINEON-TLE8261-2E Datasheet
1Mb / 83P
   Universal System Basis Chip
Rev. 1.0, May 2009
logo
Cirrus Logic
EP9302 CIRRUS-EP9302 Datasheet
302Kb / 42P
   High-speed ARM9 System-on-chip Processor with MaverickCrunch
logo
Infineon Technologies A...
TLE8262-2E INFINEON-TLE8262-2E Datasheet
1Mb / 94P
   Universal System Basis Chip
Rev. 1.0, May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com