Electronic Components Datasheet Search |
|
CS42438-DMZR Datasheet(PDF) 6 Page - Cirrus Logic |
|
CS42438-DMZR Datasheet(HTML) 6 Page - Cirrus Logic |
6 / 64 page 6 DS646PP2 1 PIN DESCRIPTION - SOFTWARE MODE Pin Name # Pin Description SCL/CCLK 1 Serial Control Port Clock (Input) - Serial clock for the control port interface. SDA/CDOUT 2 Serial Control Data I/O (Input/Output) - Input/Output for I2C data. Output for SPI data. AD0/CS 3 Address Bit [0]/ Chip Select (Input) - Chip address bit in I2C Mode. Control signal used to select the chip in SPI mode. AD1/CDIN 4 Address Bit [1]/ SPI Data Input (Input) - Chip address bit in I2C Mode. Input for SPI data. RST 5 Reset (Input) - The device enters a low power mode and all internal registers are reset to their default settings when low. VLC 6 Control Port Power (Input) - Determines the required signal level for the control port interface. See “Digital I/O Pin Characteristics” on page 7. FS 7 Frame Sync (Input) - Signals the start of a new TDM frame in the TDM digital interface format. VD 8 Digital Power (Input) - Positive power supply for the digital section. DGND 9,18 Digital Ground (Input) - VLS 10 Serial Port Interface Power (Input) - Determines the required signal level for the serial port inter- faces. See “Digital I/O Pin Characteristics” on page 7. SCLK 11 Serial Clock (Input) - Serial clock for the serial audio interface. Input frequency must be 256xFs. MCLK 12 Master Clock (Input) - Clock source for the delta-sigma modulators and digital filters. ADC_SDOUT 13 Serial Audio Data Output (Output) - TDM output for two’s complement serial audio data. DAC_SDIN 14 DAC Serial Audio Data Input (Input) - TDM Input for two’s complement serial audio data. AUX_LRCK 15 Auxiliary Left/Right Clock (Output) - Determines which channel, Left or Right, is currently active on the Auxiliary serial audio data line. SCL/CCLK 6 2 4 8 10 1 3 5 7 9 11 12 14 15 16 17 18 19 20 21 22 23 24 25 33 37 35 31 29 38 36 34 32 30 28 27 52 51 50 49 48 47 46 45 44 43 42 41 VLS FS MCLK VLC AD1/CDIN AOUT7- AOUT5+ AGND VA ADC_SDOUT AD0/CS RST AOUT6+ DGND VD SCLK VQ AOUT6- 13 SDA/CDOUT 26 39 AOUT5- 40 AOUT7+ AOUT8+ AOUT8- AIN1+ AIN1- CS42438 |
Similar Part No. - CS42438-DMZR |
|
Similar Description - CS42438-DMZR |