Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14514 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14514
Description  4-Bit Transparent Latch/4-to-16 Line Decoder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14514 Datasheet(HTML) 1 Page - ON Semiconductor

  MC14514 Datasheet HTML 1Page - ON Semiconductor MC14514 Datasheet HTML 2Page - ON Semiconductor MC14514 Datasheet HTML 3Page - ON Semiconductor MC14514 Datasheet HTML 4Page - ON Semiconductor MC14514 Datasheet HTML 5Page - ON Semiconductor MC14514 Datasheet HTML 6Page - ON Semiconductor MC14514 Datasheet HTML 7Page - ON Semiconductor MC14514 Datasheet HTML 8Page - ON Semiconductor MC14514 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 3
1
Publication Order Number:
MC14514B/D
MC14514B, MC14515B
4-Bit Transparent
Latch/4-to-16 Line Decoder
The MC14514B and MC14515B are two output options of a 4 to 16
line decoder with latched inputs. The MC14514B (output active high
option) presents a logical “1” at the selected output, whereas the
MC14515B (output active low option) presents a logical “0” at the
selected output. The latches are R–S type flip–flops which hold the
last input data presented prior to the strobe transition from “1” to “0”.
These high and low options of a 4–bit latch/4 to 16 line decoder are
constructed with N–channel and P–channel enhancement mode
devices in a single monolithic structure. The latches are R–S type
flip–flops and data is admitted upon a signal incident at the strobe
input, decoded, and presented at the output.
These complementary circuits find primary use in decoding
applications where low power dissipation and/or high noise immunity
is desired.
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load Over the Rated Temperature Range
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 1.)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
– 0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation,
per Package (Note 2.)
500
mW
TA
Ambient Temperature Range
– 55 to +125
°C
Tstg
Storage Temperature Range
– 65 to +150
°C
TL
Lead Temperature
(8–Second Soldering)
260
°C
1. Maximum Ratings are those values beyond which damage to the device
may occur.
2. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high–impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
XX
= Specific Device Code
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
MC14514BCP
PDIP–24
15/Rail
MC14514BDW
SOIC–24
30/Rail
MC14514BDWR2
SOIC–24
1000/Tape & Reel
MARKING
DIAGRAMS
1
24
PDIP–24
P SUFFIX
CASE 709
MC145XXBCP
AWLYYWW
1
24
SOIC–24
DW SUFFIX
CASE 751E
145XXB
AWLYYWW
MC14515BCP
PDIP–24
15/Rail
MC14515BDW
SOIC–24
30/Rail
MC14515BDWR2
SOIC–24
1000/Tape & Reel


Similar Part No. - MC14514

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1451452 MOTOROLA-MC1451452 Datasheet
58Kb / 2P
   4-Bit Data Bus Inpu PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC145145DW2 LANSDALE-MC145145DW2 Datasheet
1Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC145145DW2 MOTOROLA-MC145145DW2 Datasheet
58Kb / 2P
   4-Bit Data Bus Inpu PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC145145DW2 LANSDALE-MC145145DW2 Datasheet
1Mb / 12P
   4?밄it Data Bus Input PLL Frequency Synthesizer
MC145145P1 LANSDALE-MC145145P1 Datasheet
1Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
More results

Similar Description - MC14514

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14514B ONSEMI-MC14514B_13 Datasheet
130Kb / 8P
   4-Bit Transparent Latch / 4-to-16 Line Decoder
May, 2013 ??Rev. 9
logo
Hitachi Semiconductor
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
   4-bit Latch/4-to-16-line Decoder
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
   4-bit Latch/4-to-16-Line Decoder
HD74HC4515 HITACHI-HD74HC4515 Datasheet
49Kb / 8P
   4-bit Latch/4-to-16-line Decoder
logo
STMicroelectronics
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
261Kb / 11P
   4-BIT LATCH/4-TO-16 LINE DECODER
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
289Kb / 12P
   4 TO 16 LINE DECODER/LATCH
logo
Toshiba Semiconductor
TC74HC4514AP TOSHIBA-TC74HC4514AP_07 Datasheet
325Kb / 8P
   4-to-16 Line Decoder/Latch
TC74HC4514AP TOSHIBA-TC74HC4514AP Datasheet
237Kb / 5P
   4-TO-16 LINE DECODER/LATCH
logo
STMicroelectronics
M74HC4515 STMICROELECTRONICS-M74HC4515 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com