Electronic Components Datasheet Search |
|
CS7666 Datasheet(PDF) 2 Page - Cirrus Logic |
|
CS7666 Datasheet(HTML) 2 Page - Cirrus Logic |
2 / 42 page CS7666 2 DS302PP1 TABLE OF CONTENTS CHARACTERISTICS AND SPECIFICATIONS ................................................... 3 DIGITAL CHARACTERISTICS.................................................................... 3 SWITCHING CHARACTERISTICS ............................................................. 3 POWER CONSUMPTION ........................................................................... 3 CONTROL PORT CHARACTERISTICS ..................................................... 4 RECOMMENDED OPERATING CHARACTERISTICS............................... 5 ABSOLUTE MAXIMUM RATINGS .............................................................. 5 GENERAL DESCRIPTION .................................................................................. 6 Overview ..................................................................................................... 6 The 640 Pixel Horizontal Line ..................................................................... 7 Embedded ITU-656 EAV and SAV Timing ............................................... 10 Individual Timing and Synchronization Signals ........................................ 11 HREFOUT/HSYNC ................................................................................... 11 VREFOUT/VSYNC ................................................................................... 11 Digital Output Formats .............................................................................. 11 Internal Horizontal Scaler ......................................................................... 14 CLKIN and CLKIN2X Input Timing ........................................................... 14 CLKOUT ................................................................................................... 15 INTERNAL PROCESSING ................................................................................ 15 Input Data Format and Chroma Separator ............................................... 15 Color Saturation Control ........................................................................... 15 White Balance and Gamma Correction .................................................... 15 Chroma Kill ............................................................................................... 16 Internal Filters ........................................................................................... 16 INTERNAL REGISTER STRUCTURE AND USER INTERFACE ..................... 16 Operating CS7666 in Normal I2C Configuration (Three-Byte Mode) ....... 16 Station Address .................................................................................. 17 Write Operations in Three-Byte Mode ................................................ 17 Address Set Operation ....................................................................... 17 Read Operations in Three-Byte Mode ............................................... 17 Operating CS7666 in Four-Byte I2C Configuration ............................ 17 Write Operations in Four-Byte mode .................................................. 18 Read Operations in Four-Byte Mode ................................................. 18 Initializing Slave Devices on Secondary I2C bus from an EPROM .......... 19 Controlling the Configuration Process ...................................................... 19 Reserved Registers and Test Pins ........................................................... 20 PIN DESCRIPTIONS ......................................................................................... 34 Power Supply Connection ........................................................................ 34 Input Data and Clocks .............................................................................. 35 I2C Serial Control ..................................................................................... 35 Digital Video Outputs and Clocking .......................................................... 36 Miscellaneous ........................................................................................... 38 DEFINITIONS ..................................................................................................... 39 PACKAGE DIMENSIONS .................................................................................. 40 |
Similar Part No. - CS7666 |
|
Similar Description - CS7666 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |