Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14528B Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14528B
Description  Dual Monostable Multivibrator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14528B Datasheet(HTML) 4 Page - ON Semiconductor

  MC14528B Datasheet HTML 1Page - ON Semiconductor MC14528B Datasheet HTML 2Page - ON Semiconductor MC14528B Datasheet HTML 3Page - ON Semiconductor MC14528B Datasheet HTML 4Page - ON Semiconductor MC14528B Datasheet HTML 5Page - ON Semiconductor MC14528B Datasheet HTML 6Page - ON Semiconductor MC14528B Datasheet HTML 7Page - ON Semiconductor MC14528B Datasheet HTML 8Page - ON Semiconductor MC14528B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC14528B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (8.) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
CX
pF
RX
k
VDD
Vdc
Min
Typ (9.)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Turn–Off, Turn–On Delay Time — A or B to Q or Q
tPLH, tPHL = (1.7 ns/pF) CL + 240 ns
tPLH, tPHL = (0.66 ns/pF) CL + 87 ns
tPLH, tPHL = (0.5 ns/pF) CL + 65 ns
tPLH,
tPHL
15
5.0
5.0
10
15
325
120
90
650
240
180
ns
Turn–Off, Turn–On Delay Time — A or B to Q or Q
tPLH, tPHL = (1.7 ns/pF) CL + 620 ns
tPLH, tPHL = (0.66 ns/pF) CL + 257 ns
tPLH, tPHL = (0.5 ns/pF) CL + 185 ns
tPLH,
tPHL
1000
10
5.0
10
15
705
290
210
ns
Input Pulse Width — A or B
tWH
15
5.0
5.0
10
15
150
75
55
70
30
30
ns
tWL
1000
10
5.0
10
15
70
30
30
ns
Output Pulse Width — Q or Q
(For CX < 0.01 µF use graph for
appropriate VDD level.)
tW
15
5.0
5.0
10
15
550
350
300
ns
Output Pulse Width — Q or Q
(For CX > 0.01 µF use formula:
tW = 0.2 RX CX Ln [VDD – VSS]) (6.)
tW
10,000
10
5.0
10
15
15
10
15
30
50
55
45
90
95
µs
Pulse Width Match between Circuits in the same
package
t1 – t2
10,000
10
5.0
10
15
6.0
8.0
8.0
25
35
35
%
Reset Propagation Delay — Reset to Q or Q
tPLH,
tPHL
15
5.0
5.0
10
15
325
90
60
600
225
170
ns
1000
10
5.0
10
15
1000
300
250
ns
Retrigger Time
trr
15
5.0
5.0
10
15
0
0
0
ns
1000
10
5.0
10
15
0
0
0
ns
External Timing Resistance
RX
5.0
1000
k
External Timing Capacitance
CX
No Limits (7.)
µF
6.
RX is in Ohms, CX is in farads, VDD and VSS in volts, PWout in seconds.
7. If CX > 15 µF, Use Discharge Protection Diode DX, per Fig. 9.
8. The formulas given are for the typical characteristics only at 25
_C.
9. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Similar Part No. - MC14528B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14528B ONSEMI-MC14528B Datasheet
113Kb / 9P
   Dual Monostable Multivibrator
April, 2006 ??Rev. 6
MC14528B ONSEMI-MC14528B Datasheet
129Kb / 8P
   Dual Monostable Multivibrato
July, 2014 ??Rev. 9
MC14528BCP ONSEMI-MC14528BCP Datasheet
113Kb / 9P
   Dual Monostable Multivibrator
April, 2006 ??Rev. 6
MC14528BCPG ONSEMI-MC14528BCPG Datasheet
113Kb / 9P
   Dual Monostable Multivibrator
April, 2006 ??Rev. 6
MC14528BD ONSEMI-MC14528BD Datasheet
113Kb / 9P
   Dual Monostable Multivibrator
April, 2006 ??Rev. 6
More results

Similar Description - MC14528B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com