Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5504-BS Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5504-BS
Description  Low Power, 20-Bit A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5504-BS Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5504-BS Datasheet HTML 6Page - Cirrus Logic CS5504-BS Datasheet HTML 7Page - Cirrus Logic CS5504-BS Datasheet HTML 8Page - Cirrus Logic CS5504-BS Datasheet HTML 9Page - Cirrus Logic CS5504-BS Datasheet HTML 10Page - Cirrus Logic CS5504-BS Datasheet HTML 11Page - Cirrus Logic CS5504-BS Datasheet HTML 12Page - Cirrus Logic CS5504-BS Datasheet HTML 13Page - Cirrus Logic CS5504-BS Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
GENERAL DESCRIPTION
The CS5504 is a low power, 20-bit, monolithic
CMOS A/D converter designed specifically for
measurement of dc signals.
The CS5504 in-
cludes a delta-sigma charge-balance converter, a
voltage reference, a calibration micro controller
with SRAM, a digital filter and a serial interface.
The CS5504 is optimized to operate from a
32.768 kHz crystal but can be driven by an ex-
ternal clock whose frequency is between 30 kHz
and 330 kHz. When the digital filter is operated
with a 32.768 kHz clock, the filter has zeros pre-
cisely at 50 and 60 Hz line frequencies and
multiples thereof.
The CS5504 uses a "start convert" command to
latch the input channel selection and to start a
convolution cycle on the digital filter. Once the
filter cycle is completed, the output port is up-
dated. When operated with a 32.768 kHz clock
the ADC converts and updates its output port at
20 samples/sec. The output port operates in a
synchronous externally-clocked interface format.
THEORY OF OPERATION
Basic Converter Operation
The CS5504 A/D converter has three operating
states. These are stand-by, calibration, and con-
version. When power is first applied, an internal
power-on reset delay of about 10 ms resets all of
the logic in the device. The oscillator must then
begin oscillating before the device can be con-
sidered functional. After the power-on reset is
applied, the device enters the wake-up period for
1800 clock cycles after clock is present.
This
allows the delta-sigma modulator and other cir-
cuitry (which are operating with very low
currents) to reach a stable bias condition prior to
entering into either the calibration or conversion
states. During the 1800 cycle wake-up period,
the device can accept an input command. Execu-
tion of this command will not occur until the
complete wake-up period elapses.
If no com-
mand is given, the device enters the standby
state.
Calibration
After the initial application of power, the
CS5504 must enter the calibration state prior to
performing accurate conversions. During calibra-
tion, the chip executes a two-step process. The
device first performs an offset calibration and
then follows this with a gain calibration.
The
two calibration steps determine the zero refer-
ence point and the full scale reference point of
the converter’s transfer function.
From these
points it calibrates the zero point and a gain
slope to be used to properly scale the output
digital codes when doing conversions.
The calibration state is entered whenever the
CAL and CONV pins are high at the same time.
The state of the CAL and CONV pins at power-
on are recognized as commands, but will not be
executed until the end of the 1800 clock cycle
wake-up period.
If CAL and CONV become active (high) during
the 1800 clock cycle wake-up time, the con-
verter will wait until the wake-up period elapses
before executing the calibration. If the wake-up
time has elapsed, the converter will be in the
standby mode waiting for instruction and will
enter the calibration cycle immediately if CAL
and CONV become active. The calibration lasts
for 3246 clock cycles.
Calibration coefficients
are then retained in the SRAM (static RAM) for
use during conversion.
The states of A0 and BP/UP are ignored during
calibration but should remain stable throughout
the calibration period to minimize noise.
When conversions are performed in unipolar
mode or in bipolar mode, the converter uses the
same calibration factors to compute the digital
CS5504
10
DS126F1
CS5504
10
DS126F2


Similar Part No. - CS5504-BS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5501 CIRRUS-CS5501 Datasheet
702Kb / 54P
   Non-aliasing, 16- & 20-bit A/D Converters
CS5501 CIRRUS-CS5501 Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-AS CIRRUS-CS5501-AS Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-BP CIRRUS-CS5501-BP Datasheet
702Kb / 54P
   Non-aliasing, 16- & 20-bit A/D Converters
More results

Similar Description - CS5504-BS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5504 CIRRUS-CDB5504 Datasheet
353Kb / 24P
   Low Power, 20-Bit A/D Converter
logo
Analog Devices
AD7703 AD-AD7703_17 Datasheet
453Kb / 17P
   20-Bit A/D Converter
AD7703 AD-AD7703_15 Datasheet
458Kb / 16P
   20-Bit A/D Converter
Rev. E
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
logo
Cirrus Logic
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
   Low Cost, 20-Bit, Stereo, Audio D/A Converter
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
   8-Bit 20 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com