Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5461A-IS Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5461A-IS
Description  Single Phase, Bi-directional Power/Energy IC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A-IS Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5461A-IS Datasheet HTML 5Page - Cirrus Logic CS5461A-IS Datasheet HTML 6Page - Cirrus Logic CS5461A-IS Datasheet HTML 7Page - Cirrus Logic CS5461A-IS Datasheet HTML 8Page - Cirrus Logic CS5461A-IS Datasheet HTML 9Page - Cirrus Logic CS5461A-IS Datasheet HTML 10Page - Cirrus Logic CS5461A-IS Datasheet HTML 11Page - Cirrus Logic CS5461A-IS Datasheet HTML 12Page - Cirrus Logic CS5461A-IS Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
CS5461A
DS661F1
9
DIGITAL CHARACTERISTICS
Min / Max characteristics and specifications are guaranteed over all Recommended Operating Conditions.
Typical characteristics and specifications are measured at nominal supply voltages and TA = 25 °C.
VA+ = VD+ = 5V ±5%; AGND = DGND = 0 V. All voltages with respect to 0 V.
MCLK = 4.096 MHz.
Notes: 9. All measurements performed under static conditions.
10.
If a crystal is used, then XIN frequency must remain between 2.5 MHz - 5.0 MHz. If an external oscillator is used,
XIN frequency range is 2.5 MHz - 20 MHz, but K must be set so that MCLK is between 2.5 MHz - 5.0 MHz.
11. If external MCLK is used, then the duty cycle must be between 45% and 55% to maintain this specification.
12. The frequency of CPUCLK is equal to MCLK.
13. The minimum FSCR is limited by the maximum allowed gain register value. The maximum FSCR is limited by the
full-scale signal applied to the channel input.
14. Configuration Register bits PC[6:0] are set to “0000000”.
15. The MODE pin is pulled low by an internal resistor.
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Characteristics
Master Clock Frequency
Internal Gate Oscillator (Note 10) MCLK
2.5
4.096
20
MHz
Master Clock Duty Cycle
40
-
60
%
CPUCLK Duty Cycle
(Note 11 and 12)
40
60
%
Filter Characteristics
Phase Compensation Range
(Voltage Channel, 60 Hz)
-2.8
-
+2.8
°
Input Sampling Rate
DCLK = MCLK/K
-
DCLK/8
-
Hz
Digital Filter Output Word Rate
(Both Channels) OWR
-
DCLK/1024
-
Hz
High-pass Filter Corner Frequency
-3 dB
-
0.5
-
Hz
Full Scale Calibration Range (Referred to Input)
(Note 13) FSCR
25
-
100
%F.S.
Channel-to-channel Time-shift Error
(Note 14)
1.0
µs
Input/Output Characteristics
High-level Input Voltage
All Pins Except XIN and SCLK and RESET
XIN
SCLK and RESET
VIH
0.6 VD+
(VD+) - 0.5
0.8 VD+
-
-
-
-
-
-
V
V
V
Low-level Input Voltage (VD = 5 V)
All Pins Except XIN and SCLK and RESET
XIN
SCLK and RESET
VIL
-
-
-
-
-
-
0.8
1.5
0.2 VD+
V
V
V
Low-level Input Voltage (VD = 3.3 V)
All Pins Except XIN and SCLK and RESET
XIN
SCLK and RESET
VIL
-
-
-
-
-
-
0.48
0.3
0.2 VD+
V
V
V
High-level Output Voltage
Iout = +5 mA VOH
(VD+) - 1.0
-
-
V
Low-level Output Voltage
Iout = -5 mA
VOL
--
0.4
V
Input Leakage Current
(Note 15)
Iin
-±1
±10
µA
3-state Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-5
-
pF


Similar Part No. - CS5461A-IS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5461A-IS CIRRUS-CS5461A-IS Datasheet
705Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
CS5461A-ISZ CIRRUS-CS5461A-ISZ Datasheet
705Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
More results

Similar Description - CS5461A-IS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A_07 Datasheet
775Kb / 54P
   Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463_11 Datasheet
388Kb / 46P
   Single Phase, Bi-directional Power/Energy IC
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
   Single Phase Bi-Directional Power/Energy IC
CS5460 CIRRUS-CS5460 Datasheet
583Kb / 34P
   Single Phase Bi-Directional Power/Energy IC
CS5461A CIRRUS-CS5461A_08 Datasheet
705Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
CS5461 CIRRUS-CS5461 Datasheet
336Kb / 46P
   Single Phase Bi-Directional Power/Energy IC
CS5463 CIRRUS-CS5463_08 Datasheet
770Kb / 46P
   Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463 Datasheet
875Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
CS5461_0408 CIRRUS-CS5461_0408 Datasheet
665Kb / 45P
   Single Phase Bi-Directional Power/Energy IC
logo
Sames
SA2002H SAMES-SA2002H Datasheet
147Kb / 12P
   Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com