Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA2400ABE Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA2400ABE
Description  Single chip transceiver for 2.45 GHz ISM band
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2400ABE Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA2400ABE Datasheet HTML 5Page - NXP Semiconductors SA2400ABE Datasheet HTML 6Page - NXP Semiconductors SA2400ABE Datasheet HTML 7Page - NXP Semiconductors SA2400ABE Datasheet HTML 8Page - NXP Semiconductors SA2400ABE Datasheet HTML 9Page - NXP Semiconductors SA2400ABE Datasheet HTML 10Page - NXP Semiconductors SA2400ABE Datasheet HTML 11Page - NXP Semiconductors SA2400ABE Datasheet HTML 12Page - NXP Semiconductors SA2400ABE Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Philips Semiconductors
Product data
SA2400A
Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
9
8.1 RESET
Shuts down all blocks except the 3-wire digital section, and
programs internal registers to known default values that are
described in section 13. This ensures that the SA2400A transmitter,
receiver, synthesizer and other blocks enter a known state when
made active. The SA2400A enters the SLEEP state automatically
after the RESET state. Before entering either the TXRX or RXMGC
active states, the internal registers can be reprogrammed to change
their values from the default values. A power-up of the digital supply
also forces the SA2400A to the RESET mode.
8.2 SLEEP
All blocks (except the xtal osc) are OFF. The xtal osc can be
separately shut down. Note that the 3-wire bus will remain
operational in all modes as long as the digital supply is ON. The
SA2400A retains programmed values of all active modes when it
comes out of the sleep mode. This includes the synthesizer
operation. Programmed via 3-wire bus.
8.3 WAIT
The PLL is on. Receiver and the transmitter are both OFF. This
mode is useful for a quick turn-around to either TXRX or RXMGC
modes. Transition to or from this mode is done via the 3-wire bus.
8.4 RXMGC
Only the PLL and Receiver are operating. The AGC gain is manually
set by the value of a register field.
8.5 TXRX
In this mode the logic level on the TX/RX input pin determines the
operational mode: 1 = TRANSMIT, 0 = RECEIVE. This way, no
3-wire bus programming is necessary to switch between Tx and Tx,
resulting in faster switching. When entering the RECEIVE mode
(either via 3-wire programming to TXRX mode with TX/RX pin at
logic zero, or by a 1-to-0 transition of TX/RX pin when already in the
TXRX mode), the Receiver is set to maximum gain. An AGC cycle is
initiated by a 0-to-1 change on the AGC_RESET digital input pin. At
any time in the RECEIVE mode, the AGC can be forced to the
maximum gain setting by giving a 1
µs pulse on the AGC_RESET
input while the TX/RX input is held at logic 0.
8.6 FASTTXRXMGC
It is similar to the RXMGC mode, except that the manual AGC gain
programming can be done faster, as described in Section 14.5.
8.7 FCALIB
This mode needs to be programmed after power ON in order to
internally calibrate the cut-off frequency of the on-chip transmit and
receive active filters. Upon completion of the calibration, the IC will
automatically switch to Main Mode = SLEEP. This calibration takes a
maximum of 3
µs measured from the end of the programming
sequence. The result of this calibration can be read out from register
word 0x04.
8.8 DCALIB
If the analog Tx inputs are used, this mode needs to be programmed
at least once after power ON in order to reduce the transmitter
carrier leakage. This mode should be programmed after being in TX
mode for at least 5
µs. Upon completion of the calibration, the IC will
automatically switch to Main Mode = SLEEP. This calibration takes a
maximum of 20
µs measured from the end of the programming
sequence. The result of this calibration can be read out from register
0x07.
8.9 VCOCALIB
This mode needs to be programmed at least once after power ON in
order to calibrate the internal VCO. Upon completion of the
calibration, the IC will automatically switch to Main Mode = SLEEP.
This calibration takes a maximum of 2.2 ms from the end of the
programming sequence. After this calibration, the synthesizer must
be re-programmed by writing the register words 0x00 through 0x03.
The result of this calibration can be read out from register 0x08.


Similar Part No. - SA2400ABE

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
SA2400 TAOGLAS-SA2400 Datasheet
184Kb / 3P
   2.4 GHz Steerable Wi-Fi Motorized Antenna Array
More results

Similar Description - SA2400ABE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NA0108B ETC2-NA0108B Datasheet
529Kb / 2P
   High Performance Transceiver for the 2.45 GHz ISM Band
logo
Johanson Technology Inc...
2450BP18C100BE JOHANSON-2450BP18C100BE Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
2450BP18C100B JOHANSON-2450BP18C100B Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
logo
STMicroelectronics
BAL-2690D3U STMICROELECTRONICS-BAL-2690D3U Datasheet
265Kb / 8P
   50 / 30j25 balun transformer for 2.45 GHz ISM band
logo
List of Unclassifed Man...
431111100245 ETC1-431111100245 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
AN2450000707051K ETC2-AN2450000707051K Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
   2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
logo
Microchip Technology
MRF49XAT-I-ST MICROCHIP-MRF49XAT-I-ST Datasheet
1Mb / 102P
   ISM Band Sub-GHz RF Transceiver
08/02/11
logo
ATMEL Corporation
T2802 ATMEL-T2802 Datasheet
550Kb / 29P
   2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com