Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4365-CQZR Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4365-CQZR
Description  114 dB, 192 kHz 6-Channel D/A Converter
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4365-CQZR Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4365-CQZR Datasheet HTML 6Page - Cirrus Logic CS4365-CQZR Datasheet HTML 7Page - Cirrus Logic CS4365-CQZR Datasheet HTML 8Page - Cirrus Logic CS4365-CQZR Datasheet HTML 9Page - Cirrus Logic CS4365-CQZR Datasheet HTML 10Page - Cirrus Logic CS4365-CQZR Datasheet HTML 11Page - Cirrus Logic CS4365-CQZR Datasheet HTML 12Page - Cirrus Logic CS4365-CQZR Datasheet HTML 13Page - Cirrus Logic CS4365-CQZR Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
10
DS670PP1
CS4365
DAC ANALOG CHARACTERISTICS - ALL MODES (CONTINUED)
POWER AND THERMAL CHARACTERISTICS
Notes:
3.
VFS is tested under load RL and includes attenuation due to ZOUT
4.
Current consumption increases with increasing FS within a given speed mode and is signal dependant.
Max values are based on highest FS and highest MCLK.
5.
ILC measured with no external loading on the SDA pin.
6.
Power down mode is defined as RST pin = Low with all clock and data lines held static.
7.
Valid with the recommended capacitor values on FILT+ and VQ as shown in Figures 7 and 8.
Parameters
Symbol
Min
Typ
Max
Units
Interchannel Isolation
(1 kHz)
-
110
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°C
Analog Output
Full Scale Differential-
PCM, DSD processor
Output Voltage
Direct DSD mode
VFS
132%•VA
94%•VA
134%•VA
96%•VA
136%•VA
98%•VA
Vpp
Vpp
Output Impedance
(Note 3)
ZOUT
-130
-
Max DC Current draw from an AOUT pin
IOUTmax
-1.0
-
mA
Min AC-Load Resistance
RL
-3
-
k
Max Load Capacitance
CL
-100
-
pF
Quiescent Voltage
VQ
-
50% VA
-VDC
Max Current draw from VQ
IQMAX
-10
-
µA
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Power Supply Current
normal operation, VA= 5 V
(Note 4)
VD= 2.5 V
(Note 5) Interface current, VLC=5 V
VLS=5 V
(Note 6) power-down state (all supplies)
IA
ID
ILC
ILS
Ipd
-
-
-
-
-
56
20
2
84
200
61
26
-
-
-
mA
mA
µA
µA
µA
Power Dissipation (Note 4)
VA = 5 V, VD = 2.5 V
normal operation
(Note 6) power-down
-
-
332
1
372
-
mW
mW
Package Thermal Resistance
θJA
θJC
-
-
48
15
-
-
°C/Watt
°C/Watt
Power Supply Rejection Ratio (Note 7)
(1 kHz)
(60 Hz)
PSRR
-
-
60
40
-
-
dB
dB


Similar Part No. - CS4365-CQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4365-CQZR CIRRUS-CS4365-CQZR Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365-CQZR CIRRUS-CS4365-CQZR Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results

Similar Description - CS4365-CQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A Datasheet
686Kb / 47P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_08 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A_08 Datasheet
1,000Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
CS5366 CIRRUS-CS5366_09 Datasheet
384Kb / 42P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362 CIRRUS-CS4362_04 Datasheet
1,010Kb / 42P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_07 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com