Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVR40471KG Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TVR40471KG
Description  ZINC OXIDE VARISTOR 50 SERIES
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TVR40471KG Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TVR40471KG Datasheet HTML 1Page - List of Unclassifed Manufacturers TVR40471KG Datasheet HTML 2Page - List of Unclassifed Manufacturers TVR40471KG Datasheet HTML 3Page - List of Unclassifed Manufacturers TVR40471KG Datasheet HTML 4Page - List of Unclassifed Manufacturers TVR40471KG Datasheet HTML 5Page - List of Unclassifed Manufacturers TVR40471KG Datasheet HTML 6Page - List of Unclassifed Manufacturers TVR40471KG Datasheet HTML 7Page - List of Unclassifed Manufacturers TVR40471KG Datasheet HTML 8Page - List of Unclassifed Manufacturers TVR40471KG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Rua Juquiá, 217
- Vila Antonieta
- S.B.C.
- Cep:09629-040
-
SP - Brasil
Tel: (11) 4367-7411
-
Fax: (11) 4367-7416
-
www.voltts.com.br
-
voltts@voltts.com.br
Pág. 2/43
SPECIFICATION
Max.
Max.
Max.
Varistor
Allowable
Clamping
Max.
Peak
Rated
Reference
Dimensions
Voltage
Voltage
Voltage
Energy
Current
Power
Capacitance
Part No
(8/20µs)
VlmA
AC rms
DC
Vp
Ip
10/1000
1time
2times
@1KHZ
T(max.)
(V)
(V)
(V)
(V)
(A)
(J)
(A)
(A)
(W)
(pf)
(mm)
TVR 05 180
18
11
14
40
1
0.4
100
50
0.01
1600
3.9
TVR 05 220
22
14
18
48
1
0.5
100
50
0.01
1500
4.1
TVR 05 270
27
17
22
60
1
0.6
100
50
0.01
1450
4.3
TVR 05 330
33
20
26
73
1
0.8
100
50
0.01
1400
4.5
TVR 05 390
39
25
31
86
1
0.9
100
50
0.01
1100
4.0
TVR 05 470
47
30
38
104
1
1.1
100
50
0.01
850
4.1
TVR 05 560
56
35
45
123
1
1.3
100
50
0.01
600
4.3
TVR 05 680
68
40
56
150
1
1.6
100
50
0.01
580
4.6
TVR 05 820
82
50
65
145
5
2.5
400
200
0.1
460
4.0
TVR 05 101
100
60
85
175
5
3.0
400
200
0.1
400
4.2
TVR 05 121
120
75
100
210
5
4.0
400
200
0.1
350
4.4
TVR 05 151
150
95
125
260
5
4.8
400
200
0.1
300
4.7
TVR 05 181
180
115
150
315
5
5.9
400
200
0.1
150
4.2
TVR 05 201
200
130
170
355
5
6.5
400
200
0.1
140
4.3
TVR 05 221
220
140
180
380
5
7.0
400
200
0.1
130
4.4
TVR 05 241
240
150
200
415
5
8.0
400
200
0.1
120
4.5
TVR 05 271
270
175
225
475
5
8.5
400
200
0.1
110
4.7
TVR 05 301
300
195
250
525
5
8.5
400
200
0.1
100
4.6
TVR 05 331
330
215
275
585
5
9.2
400
200
0.1
105
4.7
TVR 05 361
360
230
300
620
5
10
400
200
0.1
90
4.8
TVR 05 391
390
250
320
675
5
12
400
200
0.1
85
5.0
TVR 05 431
430
275
350
745
5
13
400
200
0.1
80
5.2
TVR 05 471
470
300
385
810
5
15
400
200
0.1
75
5.3
Unit: mm
Disc Ø
D max.
L min.
d nor.
P nor.
5
7.5
30
0.6±0.02
5±1
DIMENSION
ZINC OXIDE VARISTOR 5Ø SERIES


Similar Part No. - TVR40471KG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TVR4G280-AA PANASONIC-TVR4G280-AA Datasheet
6Mb / 67P
   Service Manual
2014
logo
Toshiba Semiconductor
TVR4J TOSHIBA-TVR4J Datasheet
121Kb / 3P
   TOSHIBA Fast Recovery Diode Silicon Diffused Type High Speed Rectifier Applications (fast recovery)
logo
Galaxy Semi-Conductor H...
TVR4J BILIN-TVR4J Datasheet
59Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
TVR4J TAYCHIPST-TVR4J Datasheet
2Mb / 2P
   FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
TVR4J SUNMATE-TVR4J Datasheet
123Kb / 2P
   2.0A Axial Leaded Fast Recovery Rectifier
More results

Similar Description - TVR40471KG

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSV SUNTAN-TSV_17 Datasheet
316Kb / 9P
   ZINC OXIDE VARISTOR
logo
RFE international
14N470K RFE-14N470K Datasheet
4Mb / 6P
   Zinc Oxide Varistor
logo
Suntan Capacitors
TSV SUNTAN-TSV Datasheet
1Mb / 11P
   ZINC OXIDE VARISTOR
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com