Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4364-CQZR Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4364-CQZR
Description  103 dB, 192 kHz 6-Channel D/A Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4364-CQZR Datasheet(HTML) 4 Page - Cirrus Logic

  CS4364-CQZR Datasheet HTML 1Page - Cirrus Logic CS4364-CQZR Datasheet HTML 2Page - Cirrus Logic CS4364-CQZR Datasheet HTML 3Page - Cirrus Logic CS4364-CQZR Datasheet HTML 4Page - Cirrus Logic CS4364-CQZR Datasheet HTML 5Page - Cirrus Logic CS4364-CQZR Datasheet HTML 6Page - Cirrus Logic CS4364-CQZR Datasheet HTML 7Page - Cirrus Logic CS4364-CQZR Datasheet HTML 8Page - Cirrus Logic CS4364-CQZR Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
4
DS619A1
CS4364
LIST OF FIGURES
Figure 1. Serial Audio Interface Timing...................................................................................................... 14
Figure 2. TDM Serial Audio Interface Timing ............................................................................................. 14
Figure 3. Direct Stream Digital - Serial Audio Input Timing........................................................................ 15
Figure 4. Direct Stream Digital - Serial Audio Input Timing for Phase Modulation Mode........................... 15
Figure 5. Control Port Timing - I²C Format................................................................................................. 16
Figure 6. Control Port Timing - SPI Format................................................................................................ 17
Figure 7. Typical Connection Diagram, Software Mode.............................................................................18
Figure 8. Typical Connection Diagram, Hardware Mode ........................................................................... 19
Figure 9. Format 0 - Left-Justified up to 24-bit Data .................................................................................. 22
Figure 10. Format 1 - I²S up to 24-bit Data ................................................................................................ 22
Figure 11. Format 2 - Right-Justified 16-bit Data ....................................................................................... 22
Figure 12. Format 3 - Right-Justified 24-bit Data ....................................................................................... 22
Figure 13. Format 4 - Right-Justified 20-bit Data ....................................................................................... 22
Figure 14. Format 5 - Right-Justified 18-bit Data ....................................................................................... 23
Figure 15. Format 8 - One Line Mode 1..................................................................................................... 23
Figure 16. Format 9 - One Line Mode 2..................................................................................................... 23
Figure 17. Format 12 - TDM Mode............................................................................................................. 24
Figure 18. De-Emphasis Curve.................................................................................................................. 25
Figure 19. ATAPI Block Diagram (x = channel pair 1, 2, or 3) ................................................................... 25
Figure 20. DSD Phase Modulation Mode Diagram ....................................................................................26
Figure 21. Full-Scale Output ...................................................................................................................... 27
Figure 22. Recommended Output Filter..................................................................................................... 27
Figure 23. Recommended Mute Circuitry .................................................................................................. 28
Figure 24. Control Port Timing, I²C Mode .................................................................................................. 30
Figure 25. Control Port Timing, SPI Mode ................................................................................................. 31
Figure 26. Single-Speed (fast) Stopband Rejection................................................................................... 43
Figure 27. Single-Speed (fast) Transition Band ......................................................................................... 43
Figure 28. Single-Speed (fast) Transition Band (detail) ............................................................................. 43
Figure 29. Single-Speed (fast) Passband Ripple ....................................................................................... 43
Figure 30. Single-Speed (slow) Stopband Rejection ................................................................................. 43
Figure 31. Single-Speed (slow) Transition Band........................................................................................ 43
Figure 32. Single-Speed (slow) Transition Band (detail)............................................................................ 44
Figure 33. Single-Speed (slow) Passband Ripple...................................................................................... 44
Figure 34. Double-Speed (fast) Stopband Rejection ................................................................................. 44
Figure 35. Double-Speed (fast) Transition Band........................................................................................ 44
Figure 36. Double-Speed (fast) Transition Band (detail)............................................................................ 44
Figure 37. Double-Speed (fast) Passband Ripple...................................................................................... 44
Figure 38. Double-Speed (slow) Stopband Rejection ................................................................................ 45
Figure 39. Double-Speed (slow) Transition Band ...................................................................................... 45
Figure 40. Double-Speed (slow) Transition Band (detail) .......................................................................... 45
Figure 41. Double-Speed (slow) Passband Ripple .................................................................................... 45
Figure 42. Quad-Speed (fast) Stopband Rejection .................................................................................... 45
Figure 43. Quad-Speed (fast) Transition Band .......................................................................................... 45
Figure 44. Quad-Speed (fast) Transition Band (detail) .............................................................................. 46
Figure 45. Quad-Speed (fast) Passband Ripple ........................................................................................ 46
Figure 46. Quad-Speed (slow) Stopband Rejection................................................................................... 46
Figure 47. Quad-Speed (slow) Transition Band......................................................................................... 46
Figure 48. Quad-Speed (slow) Transition Band (detail)............................................................................. 46
Figure 49. Quad-Speed (slow) Passband Ripple....................................................................................... 46


Similar Part No. - CS4364-CQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4364-CQZR CIRRUS-CS4364-CQZR Datasheet
1Mb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
More results

Similar Description - CS4364-CQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4364 CIRRUS-CS4364_08 Datasheet
1Mb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4384 CIRRUS-CS4384 Datasheet
999Kb / 50P
   103 dB, 192 kHz 8-Channel D/A Converter
CS4384 CIRRUS-CS4384_08 Datasheet
1Mb / 52P
   103 dB, 192 kHz 8-Channel D/A Converter
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
CS5366 CIRRUS-CS5366_09 Datasheet
384Kb / 42P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362 CIRRUS-CS4362_04 Datasheet
1,010Kb / 42P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_07 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com