Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PSA5300A Datasheet(PDF) 1 Page - Z-Communications, Inc

Part No. PSA5300A
Description  LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZCOMM [Z-Communications, Inc]
Homepage  http://www.zcomm.com
Logo 

   
 1 page
background image
10
3
10
4
10
5
-105
-100
-95
-90
-85
-80
-75
-70
PSA5300A
HIPERLAN
Microwave Radios
Wireless Broadband Access
5
38
5220
-70
-87
-25
1
1
-40 to 85
Frequency Range
Harmonic Suppression (2nd, typ.)
Sideband Spurs (typ.)
Switching Speed (typ., adjacent channel)
Startup Lock Time (typ.)
Operating Temperature Range
Package Style
PLL
MHz
dBc
dBc
mSec
mSec
°C
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc, typ.)
All specifications are typical unless otherwise noted and subject to change without notice.
PHASE NOISE (1 Hz BW, typical)
© Z-Communications, Inc.
All rights reserved
Page 1
PHASE LOCKED LOOP
FEATURES
APPLICATIONS
PERFORMANCE SPECIFICATIONS
VALUE
UNITS
POWER SUPPLY REQUIREMENTS
APPLICATION NOTES
5220
MHz
• Step Size:
1000 KHz
- Style Package
PLL
C3
Rev
AN-107 : How to Solder Z-COMM VCOs / PLLs
AN-202 : PLL Functional Description
NOTES:
Reference Oscillator Signal: 5 MHz<
<100 MHz
Frequency Synthesizer: Analog Devices - ADF4106
14118 Stowe Drive, Suite B | Poway, CA 92064
TEL: (858) 621-2700 | FAX: (858) 486-1927
Power Output
2.25±3.25
dBm
Load Impedance
50
Step Size
1000
kHz
5000
5420
-
• Frequency Range:
-
5420
Charge Pump Output Current
Phase Noise @ 10 kHz offset (1 Hz BW, typ.)
dBc/Hz




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PCA0102ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA1780ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA4000ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA1875ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA4900ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PCA0198ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA1905ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA4905ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PCA0300ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA2100CLOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl