Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4265-CNZ Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4265-CNZ
Description  105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4265-CNZ Datasheet(HTML) 1 Page - Cirrus Logic

  CS4265-CNZ Datasheet HTML 1Page - Cirrus Logic CS4265-CNZ Datasheet HTML 2Page - Cirrus Logic CS4265-CNZ Datasheet HTML 3Page - Cirrus Logic CS4265-CNZ Datasheet HTML 4Page - Cirrus Logic CS4265-CNZ Datasheet HTML 5Page - Cirrus Logic CS4265-CNZ Datasheet HTML 6Page - Cirrus Logic CS4265-CNZ Datasheet HTML 7Page - Cirrus Logic CS4265-CNZ Datasheet HTML 8Page - Cirrus Logic CS4265-CNZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2004
(All Rights Reserved)
Cirrus Logic, Inc.
www.cirrus.com
CS4265
105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
NOV ‘04
DS657A2
D/A Features
Multi-bit Delta Sigma modulator
105 dB Dynamic Range
-95 dB THD+N
Up to 192 kHz Sampling Rates
Single-ended Analog Architecture
Volume Control with Soft Ramp
– 0.5 dB Step Size
– Zero Crossing Click-free Transitions
PopguardTM Technology
– Minimizes the effects of output transients.
Filtered Line-level Outputs
Selectable Serial Audio Interface Formats
– Left Justified up to 24-bit
–I2S up to 24-bit
– Right Justified 16, 18, 20 and 24-bit
Selectable 50/15
µs De-emphasis
A/D Features
Multi-bit Delta Sigma Modulator
105 dB Dynamic Range
-95 dB THD+N
Stereo 2:1 Input Multiplexer
Programmable Gain Amplifier (PGA)
– +/- 12 dB gain, 0.5 dB Step Size
– Zero Crossing, Click-free Transitions
Pseudo-differential Stereo Line Inputs
Stereo Microphone Inputs
– +32 dB Gain Stage
– Low-noise Bias Supply
Up to 192 kHz Sampling Rates
Selectable Serial Audio Interface Formats
– Left Justified up to 24-bit
– I²S up to 24-bit
High-pass Filter or DC Offset Calibration
1.8 V to 5 V
M u ltib it
∆Σ M odula tor
M u ltib it
∆Σ M odula tor
L in ear P h as e
A n ti-A lias F ilter
In te rpola tio n
Filte r
In te rpola tio n
Filte r
L e ft D A C O u tp u t
Rig h t DAC O u tp u t
Sw itc h e d C a p a c ito r
D A C a nd F ilte r
M u ltib it
O v e rs a m p lin g
ADC
M u ltib it
O v e rs a m p lin g
AD C
L in ear P h as e
A n ti-A lias F ilter
H igh P a s s
F ilte r
H igh P a s s
F ilte r
Ste re o
Line In put
Se ria l
A udio
Input
Se ria l
A udio
O u tput
3.3 V to 5 V
3.3 V to 5 V
Sw itc h e d C a p a c ito r
D A C a nd F ilte r
MU X
PG A
Vo lu m e
C ontro l
Vo lu m e
C ontro l
Mu te
Co n tro l
Re s e t
I2 C C ontro l
Da ta
M u te C ontro l
Mic In p u t
1 & 2
PG A
+ 32 d B
+ 32 d B
In te rn al V o ltag e
Re fe re n c e
IE C 60958-3 T ra n s m itte r
Mic B ia s
M icrophone B ia s
Tra n s m itte r O u tp u t


Similar Part No. - CS4265-CNZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4265-CNZ CIRRUS-CS4265-CNZ Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265-CNZR CIRRUS-CS4265-CNZR Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results

Similar Description - CS4265-CNZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com