Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-713G-0L200 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HDSP-713G-0L200
Description  17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-713G-0L200 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HDSP-713G-0L200 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-713G-0L200 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-713G-0L200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-713G-0L200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-713G-0L200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-713G-0L200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-713G-0L200 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Package Dimensions
Internal Circuit Diagram
1
3
10
7
8
12
11
2
9
4
5
6
COLUMN
12345
1
2
3
4
5
6
7
COMMON ANODE ROW
ROW
4
3
7
9
12
1
2
11
10
8
5
6
COLUMN
12345
1
2
3
4
5
6
7
COMMON CATHODE ROW
ROW
COMMON ROW ANODE
COMMON ROW CATHODE
PIN
HDSP-701E/711E/
701G/711G/701A/711A
PIN
HDSP-703E/713E/
703G/713G/703A/713A
1
COLUMN 1 CATHODE
2
ROW 3 ANODE
3
COLUMN 2 CATHODE
4
ROW 5 ANODE
5
ROW 6 ANODE
6
ROW 7 ANODE
7
COLUMN 4 CATHODE
8
COLUMN 5 CATHODE
9
ROW 4 ANODE
10
COLUMN 3 CATHODE
11
ROW 2 ANODE
12
ROW 1 ANODE
1
ROW 1 CATHODE
2
ROW 2 CATHODE
3
COLUMN 2 ANODE
4
COLUMN 1 ANODE
5
ROW 6 CATHODE
6
ROW 7 CATHODE
7
COLUMN 3 ANODE
8
ROW 5 CATHODE
9
COLUMN 4 ANODE
10
ROW 4 CATHODE
11
ROW 3 CATHODE
12
COLUMN 5 ANODE
x = ROW OR COLUMN NUMBER, x = PIN NUMBER
NOTES:
1. ALL DIMENSIONS IN MILLIMETERS (INCHES).
2. UNLESS OTHERWISE STATED, TOLERANCE IS ± 0.25 mm (0.010).
3. FOR GREEN ONLY.
2.54
(0.10)
17.78
(0.70)
MAX.
35 –
∅ 1.9 (0.075)
15.24 (0.600)
12.7 (0.50)
MAX.
PIN 6
PIN 1
6.3
(0.25)
5.1 ± 0.5 (0.201)
7.62 (0.03)
1.3 (0.05)
12.7 (0.50)
PART NO.
2.54
(0.10)
10.16 (0.40)
2.54 (0.10)
8 – 2.5 (0.098)
8 – 3 (0.118)
12 –
∅ 0.5 (0.02)
8 – 21.8°
ROW
COL
1
1
2
345
2
3
4
5
6
7


Similar Part No. - HDSP-713G-0L200

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-713G AVAGO-HDSP-713G Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
More results

Similar Description - HDSP-713G-0L200

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-70XE AVAGO-HDSP-70XE Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7XXX AVAGO-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-H571 HP-HDSP-H571 Datasheet
86Kb / 7P
   5 x 7 General Purpose Dot Matrix Displays 53.2 mm (2.09 Inch) Package
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-450X HP-HDSP-450X Datasheet
93Kb / 8P
   Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
logo
Lite-On Technology Corp...
LTP-1557AKR LITEON-LTP-1557AKR Datasheet
151Kb / 5P
   1.2 inch (30.42 mm) matrix height 5 x 7 dot matrix display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com