Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14490FEL Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC14490FEL
Description  Hex Contact Bounce Eliminator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14490FEL Datasheet(HTML) 3 Page - ON Semiconductor

  MC14490FEL Datasheet HTML 1Page - ON Semiconductor MC14490FEL Datasheet HTML 2Page - ON Semiconductor MC14490FEL Datasheet HTML 3Page - ON Semiconductor MC14490FEL Datasheet HTML 4Page - ON Semiconductor MC14490FEL Datasheet HTML 5Page - ON Semiconductor MC14490FEL Datasheet HTML 6Page - ON Semiconductor MC14490FEL Datasheet HTML 7Page - ON Semiconductor MC14490FEL Datasheet HTML 8Page - ON Semiconductor MC14490FEL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC14490
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
VDD
– 55
_C
25
_C
125
_C
Characteristic
Symbol
DD
Vdc
Min
Max
Min
Typ (4.)
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
(VO = 0.5 or 4.5 Vdc)
“1 Level”
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
Oscillator Output
Source
(VOH = 2.5 V)
(VOH = 4.6 V)
(VOH = 9.5 V)
(VOH = 13.5 V)
IOH
5.0
5.0
10
15
– 0.6
– 0.12
– 0.23
– 1.4
– 0.5
– 0.1
– 0.2
– 1.2
– 1.5
– 0.3
– 0.8
– 3.0
– 0.4
– 0.08
– 0.16
– 1.0
mAdc
Debounce Outputs
(VOH = 2.5 V)
(VOH = 4.6 V)
(VOH = 9.5 V)
(VOH = 13.5 V)
5.0
5.0
10
15
– 0.9
– 0.19
– 0.6
1.8
– 0.75
– 0.16
– 0.5
– 1.5
– 2.2
– 0.46
– 1.2
– 4.5
– 0.6
– 0.12
– 0.4
– 1.2
Oscillator Output
Sink
(VOL = 0.4 V)
(VOL = 0.5 V)
(VOL = 1.5 V)
IOL
5.0
10
15
0.36
0.9
4.2
0.3
0.75
3.5
0.9
2.3
10
0.24
0.6
2.8
mAdc
Debounce Outputs
(VOL = 0.4 V)
(VOL = 0.5 V)
(VOL = 1.5 V)
5.0
10
15
2.6
4.0
12
2.2
3.3
10
4.0
9.0
35
1.8
2.7
8.1
Input Current
Debounce Inputs (Vin = VDD)
IIH
15
2.0
0.2
2.0
11
µAdc
Input Current Oscillator — Pin 7
(Vin = VSS or VDD)
Iin
15
± 620
± 255
± 400
± 250
µAdc
Pullup Resistor Source Current
Debounce Inputs
(Vin = VSS)
IIL
5.0
10
15
175
340
505
375
740
1100
140
280
415
190
380
570
255
500
750
70
145
215
225
440
660
µAdc
Input Capacitance
Cin
5.0
7.5
pF
Quiescent Current
(Vin = VSS or VDD, Iout = 0 µA)
ISS
5.0
10
15
150
280
840
40
90
225
100
225
650
90
180
550
µAdc
4. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Similar Part No. - MC14490FEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14490FEL ONSEMI-MC14490FEL Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490FELG ONSEMI-MC14490FELG Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490FELG ONSEMI-MC14490FELG Datasheet
166Kb / 11P
   Hex Contact Bounce Eliminator
May, 2013 ??Rev. 10
More results

Similar Description - MC14490FEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14490 ONSEMI-MC14490_06 Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490 ONSEMI-MC14490_13 Datasheet
166Kb / 11P
   Hex Contact Bounce Eliminator
May, 2013 ??Rev. 10
logo
American Electronic Com...
BB2-2001 AEC-BB2-2001 Datasheet
281Kb / 2P
   contact bounce release
BB3-2002 AEC-BB3-2002 Datasheet
288Kb / 2P
   contact bounce release
BB-7001 AEC-BB-7001 Datasheet
286Kb / 2P
   contact bounce release
logo
PHOENIX CONTACT
PLC-OPT-230AC PHOENIX-PLC-OPT-230AC Datasheet
76Kb / 5P
   Wear-free switching with no contact bounce
logo
International Rectifier
PVA30NPBF IRF-PVA30NPBF_15 Datasheet
1,001Kb / 6P
   Bounce-Free Operation
PVT322APBF IRF-PVT322APBF_15 Datasheet
437Kb / 6P
   Bounce-free operation
PVT412PBF IRF-PVT412PBF_15 Datasheet
266Kb / 6P
   Bounce-free operation
PVA33NPBF IRF-PVA33NPBF_15 Datasheet
217Kb / 7P
   Bounce-Free Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com