Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PSA1905A Datasheet(PDF) 2 Page - Z-Communications, Inc

Part No. PSA1905A
Description  LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZCOMM [Z-Communications, Inc]
Homepage  http://www.zcomm.com
Logo 

   
 2 page
background image
1825
1845
1865
1885
1905
1925
1945
1965
1985
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1841 1855 1868 1880 1892 1905 1917 1930 1943 1957
PHASE LOCKED LOOP
© Z-Communications, Inc.
Page 2
Printed in the U.S.A.
PSA1905A
VCO POWER CURVE, typ.
PAGE 2
PHYSICAL DIMENSIONS
1
RF OUT
5
REF IN
7
CLOCK
PIN CONFIGURATION
REST GROUND
8
DATA
10
LOAD ENABLE
12
LOCK DETECT
13
Vcc
17
N/C
PACKAGE
H
PLL-24H
0.220
0.140
PLL-24
NOTE: ALL DIMENSIONS ARE IN INCHES
TOL: XXX: +/- 0.010
17
19
15
13
1
2
3
4
810
12
24
22
20
5
6
7
911
14
16
18
21
23
°c
25
VCO TUNING CURVE, typ.
TUNING VOLTAGE (Vdc)
°c
25
°c
-40
°c
85
FREQUENCY (MHz)




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PCA0102ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA1780ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA4900ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA1875ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA4905ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PCA0198ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA2100CLOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA5300ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PCA0300ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA2130CLOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl