Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PCA0300A Datasheet(PDF) 2 Page - Z-Communications, Inc

Part No. PCA0300A
Description  LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZCOMM [Z-Communications, Inc]
Homepage  http://www.zcomm.com
Logo 

   
 2 page
background image
LOW COST - HIGH PERFORMANCE
PHASE LOCKED LOOP
© Z-Communications, Inc.
Page 2
Printed in the U.S.A.
PCA0300A
POWER CURVE, typ.
PAGE 2
PHYSICAL DIMENSIONS
SIDE VIEW
Bottom
View
2
1
12
3
4
5
6
7
8
9
10
11
Top View
P1 RF OUTPUT
P2 REFERENCE OSCILLATOR INPUT
P3 CLOCK
P4 DATA
P5 LOAD ENABLE
P6 LOCK DETECT
P7 VCC
P8 GROUND
P9 NO CONNECTION
P10-12 GROUND
1. The inside radius of all 14 half holes at the perimeter of the board
are plated to provide a surface for the attachment of the PLL Module
to the motherboard. 5 pads are for grounding, 8 pads are for signal
interface.
2. The surface of the shield is tin-plated and may be soldered to.
The shield's base metal is brass.
3.The ground plane on the bottom side is ground and attaches to a
ground track on the top side of the board as well as to the shield.
4. Unless otherwise noted all dimensions are in inches.
5.Unless otherwise noted all tolerances are as follows:
.xxx = ± .010
°c
25
PLL OUTPUT SPECTRUM
FREQUENCY OFFSET (KHz)




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PCA0102ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA1875ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA4900ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA1905ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA4905ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PCA0198ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA2100CLOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA5300ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PCA0445ALOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc
PSA2130CLOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl