Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14175BCP Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14175BCP
Description  Quad Type D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14175BCP Datasheet(HTML) 1 Page - ON Semiconductor

  MC14175BCP Datasheet HTML 1Page - ON Semiconductor MC14175BCP Datasheet HTML 2Page - ON Semiconductor MC14175BCP Datasheet HTML 3Page - ON Semiconductor MC14175BCP Datasheet HTML 4Page - ON Semiconductor MC14175BCP Datasheet HTML 5Page - ON Semiconductor MC14175BCP Datasheet HTML 6Page - ON Semiconductor MC14175BCP Datasheet HTML 7Page - ON Semiconductor MC14175BCP Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
August, 2000 – Rev. 4
1
Publication Order Number:
MC14175B/D
MC14175B
Quad Type D Flip-Flop
The MC14175B quad type D flip–flop is constructed with MOS
P–channel and N–channel enhancement mode devices in a single
monolithic structure. Each of the four flip–flops is positive–edge
triggered by a common clock input (C). An active–low reset input (R)
asynchronously resets all flip–flops. Each flip–flop has independent
Data (D) inputs and complementary outputs (Q and Q). These devices
may be used as shift register elements or as type T flip–flops for
counter and toggle applications.
Complementary Outputs
Static Operation
All Inputs and Outputs Buffered
Diode Protection on All Inputs
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Output Compatible with Two Low–Power TTL Loads or One
Low–Power Schottky TTL Load
Functional Equivalent to TTL 74175
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
–0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
–0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation,
per Package (Note 3.)
500
mW
TA
Ambient Temperature Range
–55 to +125
°C
Tstg
Storage Temperature Range
–65 to +150
°C
TL
Lead Temperature
(8–Second Soldering)
260
°C
2. Maximum Ratings are those values beyond which damage to the device
may occur.
3. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high–impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
Device
Package
Shipping
ORDERING INFORMATION
MC14175BCP
PDIP–16
2000/Box
MC14175BD
SOIC–16
48/Rail
MC14175BDR2
SOIC–16
2500/Tape & Reel
1. For ordering information on the EIAJ version of
the SOIC packages, please contact your local
ON Semiconductor representative.
MARKING
DIAGRAMS
1
16
PDIP–16
P SUFFIX
CASE 648
MC14175BCP
AWLYYWW
SOIC–16
D SUFFIX
CASE 751B
1
16
14175B
AWLYWW
SOEIAJ–16
F SUFFIX
CASE 966
1
16
MC14175B
ALYW
MC14175BF
SOEIAJ–16
See Note 1.
MC14175BFEL
SOEIAJ–16
See Note 1.


Similar Part No. - MC14175BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14175BCP ONSEMI-MC14175BCP Datasheet
123Kb / 6P
   Quad Type D Flip?묯lop
June, 2006 ??Rev. 6
MC14175BCPG ONSEMI-MC14175BCPG Datasheet
123Kb / 6P
   Quad Type D Flip?묯lop
June, 2006 ??Rev. 6
MC14175BCPG ONSEMI-MC14175BCPG Datasheet
149Kb / 6P
   Quad Type D Flip-Flop
June, 2011 ??Rev. 7
More results

Similar Description - MC14175BCP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
   Quad D-Type Flip-Flop
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
   Quad D-Type Flip-Flop
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
   Quad D-type flip-flop
Rev. 10 - 29 November 2021
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B_14 Datasheet
128Kb / 6P
   Quad Type D Flip-Flop
August, 2014 ??Rev. 9
logo
Fairchild Semiconductor
74AC175 FAIRCHILD-74AC175 Datasheet
99Kb / 9P
   Quad D-Type Flip-Flop
logo
Hitachi Semiconductor
HD74AC175 HITACHI-HD74AC175 Datasheet
59Kb / 10P
   Quad D-Type Flip-Flop
logo
ON Semiconductor
74VHC175 ONSEMI-74VHC175 Datasheet
338Kb / 11P
   Quad D-Type Flip-Flop
May 2007 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com