Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVS21B12S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MVS21B12S
Description  DIP 14 SERIES REED RELAYS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MVS21B12S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  MVS21B12S Datasheet HTML 1Page - List of Unclassifed Manufacturers MVS21B12S Datasheet HTML 2Page - List of Unclassifed Manufacturers MVS21B12S Datasheet HTML 3Page - List of Unclassifed Manufacturers MVS21B12S Datasheet HTML 4Page - List of Unclassifed Manufacturers MVS21B12S Datasheet HTML 5Page - List of Unclassifed Manufacturers MVS21B12S Datasheet HTML 6Page - List of Unclassifed Manufacturers MVS21B12S Datasheet HTML 7Page - List of Unclassifed Manufacturers MVS21B12S Datasheet HTML 8Page - List of Unclassifed Manufacturers MVS21B12S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DIP 14 SERIES REED RELAYS
MSS2 s MSS7 s PRMA s DSS7 s PRME s MVS2 s MVS7
PERFORMANCE GRAPHS
PRMA
Life/Contact Load Characteristics
(Confidence Level 99%)
Contact Load (mA)
0
25
20
15
10
5
0
100
200
300
400
Life: >10x106 Operations
PRMA
Allowable Operating Range
Operating Frequency
0
100
75
50
25
0
200
400
600
1000
800
PRMA
Operate Time vs Nominal Voltage
Multiple of Nominal Voltage
0
500
400
300
200
100
0
0.5
1
1.5
2.5
2
PRMA
Contact Noise Envelope
(Bandwidth 10KHz)
Time After Coil Energization (ms)
0
60
40
20
0
-20
-40
-60
12
3
5
6
4
547
10K
1A7A
Tektronix
MSS2/MSS7
Operate Time vs Nominal Voltage
(with Diode Suppression)
Multiple of Nominal Voltage
A = +3δ B = -3δ
0.9
0.6
0.3
1.2
0
2.4
2.1
1.8
3.3
3.0
2.7
1.5
0
0.3
0.9
0.6
2.4
1.2
1.5
1.8
2.1
A
B
MSS2/MSS7
Timing (with Diode Suppression)
Multiple of Nominal Voltage
A = +3δ B = -3δ
0.9
0.6
0.3
1.2
0
2.4
2.1
1.8
3.3
3.0
2.7
1.5
0
0.3
0.9
0.6
2.4
1.2
1.5
1.8
2.1
A
B
MSS2/MSS7
Magnetic Interference
X = Distance (in.) between centers of adjacent relays.
(For distance between relay bodies, subtract .400)
10
5
0
25
20
15
-5
-10
-15
-20
0
0.2
0.4
0.6
0.8
MVS7/MSS7
Relay Internal Temperature Rise vs. Power
Power (W)
0
50
40
30
20
10
0
0.2
0.4
0.6
0.8
SRC
DEVICES
SRC
DEVICES
7
www.srcdevices.com
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422


Similar Part No. - MVS21B12S

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MVS21T1AJ MTRONPTI-MVS21T1AJ Datasheet
263Kb / 1P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
MVS21T1AJ MTRONPTI-MVS21T1AJ Datasheet
430Kb / 2P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
MVS21T1AJ-R MTRONPTI-MVS21T1AJ-R Datasheet
430Kb / 2P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
MVS21T1CJ MTRONPTI-MVS21T1CJ Datasheet
263Kb / 1P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
MVS21T1CJ MTRONPTI-MVS21T1CJ Datasheet
430Kb / 2P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
More results

Similar Description - MVS21B12S

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIP12-1A75-12D MEDER-DIP12-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-2A72-21M MEDER-DIP12-2A72-21M Datasheet
114Kb / 1P
   DIP Reed Relays
DIP24-1A75-12L MEDER-DIP24-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP24-1A72-12L MEDER-DIP24-1A72-12L Datasheet
112Kb / 1P
   DIP Reed Relays
DIP24-1A75-12D MEDER-DIP24-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-2A72-21R MEDER-DIP05-2A72-21R Datasheet
93Kb / 1P
   DIP Reed Relays
logo
RHOPOINT COMPONENTS
8001 RHOPOINT-8001 Datasheet
66Kb / 2P
   DIP Reed Relays
logo
Meder Electronic
DIP12-1A75-12L MEDER-DIP12-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-1C90-51Q MEDER-DIP05-1C90-51Q Datasheet
92Kb / 1P
   DIP Reed Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com