Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L3000NSO Datasheet(PDF) 4 Page - STMicroelectronics

Part # L3000NSO
Description  SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3000NSO Datasheet(HTML) 4 Page - STMicroelectronics

  L3000NSO Datasheet HTML 1Page - STMicroelectronics L3000NSO Datasheet HTML 2Page - STMicroelectronics L3000NSO Datasheet HTML 3Page - STMicroelectronics L3000NSO Datasheet HTML 4Page - STMicroelectronics L3000NSO Datasheet HTML 5Page - STMicroelectronics L3000NSO Datasheet HTML 6Page - STMicroelectronics L3000NSO Datasheet HTML 7Page - STMicroelectronics L3000NSO Datasheet HTML 8Page - STMicroelectronics L3000NSO Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
PIN DESCRIPTION (L3092)
N
°
Name
Description
1
VOUT
Two wire unbalanced output carryng out the following signals reduced by 40:
1) DC voltage to perform the proper DC characteristic.
2) Ringing Signal
3) Voice Signal
2
RPC
AC line Impedance Adjustment Protection Resistances Compensation
3
TX
Transmit Amplifier Output
4
COMP
Comparator Input. This is the input comparator that senses the line voltage in power down and in
automatic stand-by, allowing off hook detection in this mode.
5
AUT
Aut. Input. It is a part of the digital interface. Loaded when CS is low.
6
MR
Master Reset Input. When it is connected to ground the SLIC is forced in power down. It has an
internal pull-up. (typ. 200K
Ω) (*)
7
PWON
Power on/power off input. This input is part of digital interface. Loaded when CS is low.
8
RING
Ring Enable Input. This input is part of the digital interface. Loaded when CS is low.
9
CS
Chip Select Input.
10
GDK
Ground Key Output Enabled by CS Low.
11
ONHK
On Hook/off Hook Output Enabled by CS Low.
12
C2
State control Signal 2.
13
C1
State Control Signal 1. Combination of C1 and C2 define operating mode of the high voltage part.
14
RGIN
Low Level Ringing Signal Input.
15
CRT
Ring Trip Detection
16
IL
Longitudinal Line Current Input
17
RDC
DC Feeding System
18
IT
Transversal Line Current Input
19
ACDC
AC - DC Feedback Input.
20
VDD
Positive Supply Voltage, +5V.
21
REF
Bias Setting Pin.
22
VSS
Negative Supply Voltage, -5V.
23
GND
Analog and Digital Ground.
24
LIM
Limiting Current Selection Input. Loaded when CS is low.
25
PDO
Power Down Output. Driving the high voltage part L3000N through the bias resistor RH.
26
ZB
TX Amplifier Negative Input performig the two to four wire conversion. In case of application with
2nd Generation COMBO performing also the echo cancellation (ex TS5070/5071), this pin must
be connected to GND.
27
CAC
AC Feedback Input.
28
ZAC
AC Line Impedance Synthesis.
(*) Must be connected to a proper capacitor for power on reset or to VDD if not used. Should not be left open.
IL
=
Ib
− Ia
100
IT
=
Ia
+ Ib
100
L3000N - L3092
4/32


Similar Part No. - L3000NSO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3000 STMICROELECTRONICS-L3000 Datasheet
281Kb / 29P
   SUBSCRIBER LINE INTERFACE KIT
L3000S STMICROELECTRONICS-L3000S Datasheet
281Kb / 29P
   SUBSCRIBER LINE INTERFACE KIT
L3000SX STMICROELECTRONICS-L3000SX Datasheet
281Kb / 29P
   SUBSCRIBER LINE INTERFACE KIT
L3000SX-77 STMICROELECTRONICS-L3000SX-77 Datasheet
281Kb / 29P
   SUBSCRIBER LINE INTERFACE KIT
L3000SX-VM STMICROELECTRONICS-L3000SX-VM Datasheet
281Kb / 29P
   SUBSCRIBER LINE INTERFACE KIT
More results

Similar Description - L3000NSO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2053 STMICROELECTRONICS-AN2053 Datasheet
323Kb / 15P
   SLIC protection for both classical and new networks
logo
Cherry Semiconductor Co...
JW-T0210 CHERRY-JW-T0210 Datasheet
87Kb / 2P
   Optimized for both right and left-handed operation
logo
Linx Technologies
ANT-ELE-S01-010 LINX-ANT-ELE-S01-010 Datasheet
382Kb / 2P
   Ideal for both stationary and mobile applications
12/2/13
logo
STMicroelectronics
L3234 STMICROELECTRONICS-L3234 Datasheet
457Kb / 26P
   HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
logo
OmniVision Technologies...
OV16885-4C OMNIVISION-OV16885-4C Datasheet
680Kb / 2P
   16-Megapixel Second-Generation PureCel짰Plus-S Sensor for Front-Facing Mobile Applications
logo
Advantech Co., Ltd.
SOM-5893 ADVANTECH-SOM-5893_17 Datasheet
927Kb / 2P
   Second generation AMD embedded
logo
Microsemi Corporation
LX1562 MICROSEMI-LX1562 Datasheet
443Kb / 25P
   SECOND-GENERATION POWER FACTOR CONTROLLER
logo
Intel Corporation
IXP425 INTEL-IXP425 Datasheet
273Kb / 4P
   Optimized for Broadband Applications
logo
Texas Instruments
TMS320 TI-TMS320 Datasheet
603Kb / 69P
[Old version datasheet]   SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
logo
Xilinx, Inc
XC2S15 XILINX-XC2S15_1 Datasheet
1,015Kb / 99P
   Second generation ASIC replacement technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com