Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC14093B Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC14093B
Description  Quad 2-Input NAND Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 5 page
background image
MC14093B
http://onsemi.com
5
Figure 3. Typical Output Source
Characteristics Test Circuit
VDS, DRAIN VOLTAGE (Vdc)
– 10
– 8.0
– 6.0
– 4.0
– 2.0
0
0
– 2.0
– 4.0
– 6.0
– 8.0
–10
Figure 4. Typical Output Sink
Characteristics Test Circuit
VDS, DRAIN VOLTAGE (Vdc)
0
2.0
4.0
6.0
8.0
10
10
8.0
6.0
4.0
2.0
0
14
7
VGS
Vout
IOH
All unused inputs
connected to ground.
All unused inputs
connected to ground.
14
7
Vout
IOL
VGS
VDD
0
0VDD
VT–
VT+
VH
Vin, INPUT VOLTAGE (Vdc)
Figure 5. Typical Transfer Characteristics
VGS = – 5.0 Vdc
c
b
a
c
b
c
b
a
a
– 15 Vdc
– 10 Vdc
aTA = – 55°C
bTA = + 25°C
bTA = + 125°C
a
b c
a
b
c
a
b
c
5.0 Vdc
aTA = – 55°C
bTA = + 25°C
cTA = + 125°C
15 Vdc
VGS = 10 Vdc




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ACS132MSRadiation Hardened Quad 2-Input NAND Schmitt Trigger 1 2 Intersil Corporation
CD54HC132High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreTI store
MC74LVX132Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
CD4093BMQuad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreNational Semiconductor (TI)
MC74AC132Quad 2−Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
HCS132MSRadiation Hardened Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreIntersil Corporation
SN54LS132QUAD 2-INPUT SCHMITT TRIGGER NAND GATE 1 2 3 4 5 Motorola, Inc
74VCX132Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
CD4093BCQuad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreFairchild Semiconductor
54F132DMQuad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl