Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYM9260-66C Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYM9260-66C
Description  64K(128K, 256K, 512K) x 72 SRAM Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYM9260-66C Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYM9260-66C Datasheet HTML 2Page - Cypress Semiconductor CYM9260-66C Datasheet HTML 3Page - Cypress Semiconductor CYM9260-66C Datasheet HTML 4Page - Cypress Semiconductor CYM9260-66C Datasheet HTML 5Page - Cypress Semiconductor CYM9260-66C Datasheet HTML 6Page - Cypress Semiconductor CYM9260-66C Datasheet HTML 7Page - Cypress Semiconductor CYM9260-66C Datasheet HTML 8Page - Cypress Semiconductor CYM9260-66C Datasheet HTML 9Page - Cypress Semiconductor CYM9260-66C Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CYM9260
CYM9261B
CYM9262A
CYM9263
Document #: 38-05002 Rev. **
Page 6 of 12
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –55°C to +125°C
Ambient Temperature
with Power Applied ........................................ –0°C to +70°C
3.3V Supply Voltage to Ground Potential ..... –0.5V to +4.5V
DC Voltage Applied to Outputs
in High Z State .............................................. –0.5V to +4.6V
DC Input Voltage ........................................... –0.5V to +4.6V
Output Current into Outputs (LOW)............................. 20 mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0°C to +70°C
3.3V ± 5%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Condition
Min.
Max.
Unit
VIH
Input HIGH Voltage
2.2
VCC + 0.3
V
VIL
Input LOW Voltage
–0.3
0.8
V
VOH
Output HIGH Voltage
VCC = Min., IOH = –4 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8 mA
0.4
V
ICC (9260)
VCC Operating Supply Current VCC = Max., IOUT = 0 mA, f = fMAX = 1/tRC
1000
mA
ICC (9261)
VCC Operating Supply Current VCC = Max., IOUT = 0 mA, f = fMAX = 1/tRC
1000
mA
ICC (9262)
VCC Operating Supply Current VCC = Max., IOUT = 0 mA, f = fMAX = 1/tRC
1200
mA
ICC (9263)
VCC Operating Supply Current VCC = Max., IOUT = 0 mA, f = fMAX = 1/tRC
2400
mA
Capacitance[1]
Parameter
Description
Test Conditions
Max.
Unit
CA
Address Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
9260
24
pF
9261
14
pF
9262
20
pF
9263
40
pF
CI
Control Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
9260
24
pF
9261
16
pF
9262
20
pF
9263
40
pF
CO
Input/Output Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
9260
9
pF
9261
5
pF
9262
8
pF
9263
16
pF
CCLK
Clock Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
9260
6
pF
9261
3
pF
9262
5
pF
9262
10
pF
Note:
1.
Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CYM9260-66C

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CYM-13R-9G MERRIMAC-CYM-13R-9G Datasheet
119Kb / 2P
   DIRECTIONAL COUPLER
logo
Sumida Corporation
CYM-2B SUMIDA-CYM-2B Datasheet
74Kb / 2P
   Filter Coils < SMD Type: CYM Series>
logo
Cypress Semiconductor
CYM1441 CYPRESS-CYM1441 Datasheet
167Kb / 6P
   256K x 8 Static RAM Module
CYM1441PZ-20C CYPRESS-CYM1441PZ-20C Datasheet
167Kb / 6P
   256K x 8 Static RAM Module
CYM1441PZ-25C CYPRESS-CYM1441PZ-25C Datasheet
167Kb / 6P
   256K x 8 Static RAM Module
More results

Similar Description - CYM9260-66C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NSCS25672 ISSI-IS61NSCS25672 Datasheet
182Kb / 32P
   RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM
logo
Cypress Semiconductor
CYD04S72V CYPRESS-CYD04S72V_06 Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD01S18V CYPRESS-CYD01S18V Datasheet
585Kb / 26P
   FLEx18??3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
logo
Hanbit Electronics Co.,...
HMS25632M8B HANBIT-HMS25632M8B Datasheet
232Kb / 9P
   SRAM MODULE 1Mbyte (256K x 32-Bit) , 72-Pin
logo
Cypress Semiconductor
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
logo
Integrated Silicon Solu...
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
logo
Cypress Semiconductor
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
logo
MOSAIC
SYS32256ZK-12 MOSAIC-SYS32256ZK-12 Datasheet
62Kb / 2P
   256K x 32 SRAM MODULE
SYS8512FKX-70 MOSAIC-SYS8512FKX-70 Datasheet
60Kb / 7P
   512K x 8 SRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com