Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3945 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UCC3945
Description  1V Synchronous Boost Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UCC3945 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UCC3945 Datasheet HTML 1Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 2Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 3Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 4Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 5Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 6Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 7Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 8Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UCC2941-3/-5/-ADJ
UCC3941-3/-5/-ADJ
SLUS242 - JULY 1999
FEATURES
• 1V Input Voltage Operation Startup
Guaranteed Under Full Load on Main
Output With Operation Down to 0.4V
• Input Voltage Range of 1V to VOUT +
0.5V
• 500mW Output Power at Battery
Voltages as Low as 0.8V
• Secondary 9V Supply From a Single
Inductor
• Adjustable Output Power Limit Control
• Output Fully Disconnected in
Shutdown
• Adaptive Current Mode Control for
Optimum Efficiency
• 8µA Shutdown Supply Current
1V Synchronous Boost Converter
MODULATOR CONTROL CIRCUIT
SYNCHRONOUS RECTIFICATION CIRCUITRY
ANTI-CROSS CONDUCTION
STARTUP
MULTIPLEXING LOGIC
MAXIMUM INPUT POWER CONTROL
ADAPTIVE CURRENT CONTROL
4
5
6
7
1
8
3
2
+
1.25V
UCC3941-ADJ
OPEN=SD
SD
10
µF
VGD
8V
STARTUP
CIRCUITRY
VIN
SW
+
10
µF
22
µH
0.8V TO VOUT +0.5V
100
µF
0.4
VOUT
PGND
*SGND/FB
PLIM
0.25
UCC3941-3 = 3.3V
UCC3941-5 = 5.0V
UCC3941-ADJ = 1.30V TO 6V
*FOR UCC3941-ADJ ONLY:
PIN 7 = SGND & PGND, PIN 6 = OUTPUT SENSE FEEDBACK, FB.
SIMPLIFIED BLOCK DIAGRAM AND APPLICATION CIRCUIT
UDG-98147
DESCRIPTION
The UCC3941 family of low input voltage single inductor boost converters
are optimized to operate from a single or dual alkaline cell, and step up to
a 3.3V, 5V, or an adjustable output at 500mW. The UCC3941 family also
provides an auxiliary 9V 100mW output, primarily for the gate drive supply,
which can be used for applications requiring an auxiliary output such as a
5V supply by linear regulating. The primary output will start up under full
load at input voltages typically as low as 0.8V, with a guaranteed maximum
of 1V, and will operate down to 0.4V once the converter is operating, maxi-
mizing battery utilization.
Demanding applications such as Pagers and PDA’s require high efficiency
from several milli-watts to several hundred milli-watts, and the UCC3941
family accommodates these applications with >80% typical efficiencies
over the wide range of operation. The high efficiency at low output current
is achieved by optimizing switching and conduction losses along with low
quiescent current. At higher output current the 0.25
Ω switch, and 0.4Ω syn-
chronous rectifier, along with continuous mode conduction, provide high ef-
ficiency. The wide input voltage range on the UCC3941 family can
accommodate other power sources such as NiCd and NiMH.
Other features include maximum power control and shutdown control.
Packages available are the 8-pin SOIC (D) and 8-pin DIP (N or J).
application
INFO
available


Similar Part No. - UCC3945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC3941-3 ETC1-UCC3941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
UCC3941-3 TI1-UCC3941-3 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
logo
List of Unclassifed Man...
UCC3941-5 ETC1-UCC3941-5 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
UCC3941-5 TI1-UCC3941-5 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
logo
List of Unclassifed Man...
UCC3941-ADJ ETC1-UCC3941-ADJ Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
More results

Similar Description - UCC3945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC2941-3 ETC1-UCC2941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
UCC2941-3 TI1-UCC2941-3_11 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com