Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTS-3406LR Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTS-3406LR
Description  0.8 SINGLE DIGIT NUMERIC DISPLAYS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-3406LR Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTS-3406LR Datasheet HTML 1Page - Lite-On Technology Corporation LTS-3406LR Datasheet HTML 2Page - Lite-On Technology Corporation LTS-3406LR Datasheet HTML 3Page - Lite-On Technology Corporation LTS-3406LR Datasheet HTML 4Page - Lite-On Technology Corporation LTS-3406LR Datasheet HTML 5Page - Lite-On Technology Corporation LTS-3406LR Datasheet HTML 6Page - Lite-On Technology Corporation LTS-3406LR Datasheet HTML 7Page - Lite-On Technology Corporation LTS-3406LR Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image


Similar Part No. - LTS-3406LR

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-3406LE LITEON-LTS-3406LE Datasheet
128Kb / 5P
   The LTS-3406LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3406LG LITEON-LTS-3406LG Datasheet
128Kb / 5P
   The LTS-3406LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3406LJD LITEON-LTS-3406LJD Datasheet
365Kb / 6P
   LED Display
LTS-3406LP LITEON-LTS-3406LP Datasheet
132Kb / 5P
   The LTS-3406LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
LTS-3406LY LITEON-LTS-3406LY Datasheet
130Kb / 5P
   The LTS-3406LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
More results

Similar Description - LTS-3406LR

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-815SYGWA EVERLIGHT-ELS-815SYGWA Datasheet
123Kb / 6P
   0.8 Single Digit Displays
ELS-815USOWA EVERLIGHT-ELS-815USOWA Datasheet
124Kb / 6P
   0.8 Single Digit Displays
ELS-815SURWA EVERLIGHT-ELS-815SURWA Datasheet
134Kb / 7P
   0.8 Single Digit Displays
ELS-816SURWA EVERLIGHT-ELS-816SURWA Datasheet
136Kb / 7P
   0.8 Single Digit Displays
ELS-816SYGWA EVERLIGHT-ELS-816SYGWA Datasheet
124Kb / 6P
   0.8 Single Digit Displays
logo
Unity Opto Technology
UVS-340XL UOT-UVS-340XL Datasheet
70Kb / 5P
   0.8 inch ( 20.32 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
Micro Electronics
MG2801A MICRO-ELECTRONICS-MG2801A Datasheet
61Kb / 2P
   0.8 SINGLE DIGIT NUMBERIC DISPLAYS
MU2801A MICRO-ELECTRONICS-MU2801A Datasheet
61Kb / 2P
   0.8 SINGLE DIGIT NUMBERIC DISPLAYS
MS141A MICRO-ELECTRONICS-MS141A Datasheet
63Kb / 2P
   0.4 SINGLE DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
SA56-11 ETC-SA56-11 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com