Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC91651B Datasheet(PDF) 10 Page - Silan Microelectronics Joint-stock

Part # SC91651B
Description  13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC91651B Datasheet(HTML) 10 Page - Silan Microelectronics Joint-stock

Back Button SC91651B Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC91651B Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC91651B Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC91651B Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC91651B Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC91651B Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC91651B Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC91651B Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC91651B Datasheet HTML 14Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Silan
Semiconductors
SC91650/1/2 A/B
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2001.01.15
10
(continued)
Pin No.
650A/B 651A/B 652A/B
Pin Name
Description
11
11
HFI
*Handfree input control pin. (SC91650, SC91651)
*Toggle input structure, rising edge trigger.
*It is used to enable and disable Handfree funtion.
*With waveshaped by a built-in Schmit trigger, the bounce of input
can be eliminated by external RC debounce circuit.
* A built-in pull down resistor is 200k
Ω typical.
11
HFI
* Toggle input structure with pull up resistance 200k
Ω, falling edge
trigger. (SC91652)
12
12
12
HFO
* Handfree output pin.
* Inverter output structure (normally ‘low’, active ‘high’).
* When a HFI pin is active, Handfree function will be enabled
(HFO=1) or disable (HFO=0).
* When the Handfree function is enable (HFO=1), after OFF-HOOK
action, it can reset Handfree function and HFO pin return to ‘low’
state.
11
HDI
*Hold line input control pin.
*Toggle input structure, falling edge trigger.
*It is used to enable and disable Hold line function.
*With waveshaped by a built-in Schmit trigger, the bounce of input
can be eliminated by extenal R.C debounce circuit.
*A built-in pull up resistor is 200k
Ω typically.
22
22
HDO
*Hold line output pin.
*Inverter output structure, falling edge trigger.
*When a falling edge signal triggered HDI pin, Hold line function will
be enable (HDO=1) or disabled(HDO=0).
*When the Hold line function is enable (HDO=1), after OFF-HOOK
action or HFO pin is from “low” to “high”, it can reset Hold line
function and HDO pin return to “low” state.
22
KT
*Keytone output pin for ralid key pad input and memory stored
(SC91652 only).
*CMOS invertor output structure.
*It will issue a 1.2kHz, duty cycle 50% signal with duration 30ms.
*To prevent signal interference, while DTMF issue, it will disable
Keytone output except function key.
1PMUTE
*Pulse mode mute.
*CMOS inverter output structure.
*The output is high state during dialing sequence (pulse mode only),
otherwise this pin is low.


Similar Part No. - SC91651B

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC9167 FUMAN-SC9167 Datasheet
349Kb / 6P
   300mA CMOS LDO
More results

Similar Description - SC91651B

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91340N WINBOND-W91340N Datasheet
194Kb / 15P
   10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91520N WINBOND-W91520N Datasheet
193Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91360N WINBOND-W91360N Datasheet
190Kb / 14P
   3-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com