Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8509IDWRG4 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS8509IDWRG4
Description  16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8509IDWRG4 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS8509IDWRG4 Datasheet HTML 1Page - Burr-Brown (TI) ADS8509IDWRG4 Datasheet HTML 2Page - Burr-Brown (TI) ADS8509IDWRG4 Datasheet HTML 3Page - Burr-Brown (TI) ADS8509IDWRG4 Datasheet HTML 4Page - Burr-Brown (TI) ADS8509IDWRG4 Datasheet HTML 5Page - Burr-Brown (TI) ADS8509IDWRG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS8509IDWRG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS8509IDWRG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS8509IDWRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
TIMING REQUIREMENTS, T
A = –40°C to 85°C
VDIG
VANA
BUSY
CS
R/C
TAG
DATA
DATACLK
SYNC
R1IN
AGND1
REF
CAP
AGND2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DW PACKAGE
R2IN
R3IN
SB/BTC
EXT/INT
DGND
PWRD
VDIG
VANA
BUSY
CS
R/C
NC
TAG
NC
DATA
DATACLK
SYNC
R1IN
AGND1
NC
CAP
AGND2
NC
NC
NC
REF
DGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DB PACKAGE
R2IN
SB/BTC
EXT/INT
PWRD
NC
(TOP VIEW)
(TOP VIEW)
NC
R3IN
ADS8509
SLAS324A – OCTOBER 2004 – REVISED JUNE 2005
PARAMETER
MIN
TYP
MAX
UNIT
tw1
Pulse duration, convert
40
ns
td1
Delay time, BUSY from R/C low
6
20
ns
tw2
Pulse duration, BUSY low
2.2
µs
td2
Delay time, BUSY, after end of conversion
5
ns
td3
Delay time, aperture
5
ns
tconv
Conversion time
2.2
µs
tacq
Acquisition time
1.8
µs
tconv + tacq Cycle time
4
µs
td4
Delay time, R/C Low to internal DATACLK output
270
ns
tc1
Cycle time, internal DATACLK
110
ns
td5
Delay time, data valid to internal DATACLK high
15
35
ns
td6
Delay time, data valid after internal DATACLK low
20
35
ns
tc2
Cycle time, external DATACLK
35
ns
tw3
Pulse duration, external DATACLK high
15
ns
tw4
Pulse duration, external DATACLK low
15
ns
tsu1
Setup time, R/C rise/fall to external DATACLK high
15
tC2 + 5
ns
tsu2
Setup time, R/C transition to CS transition
10
ns
td7
Delay time, SYNC, after external DATACLK high
3
35
ns
td8
Delay time, data valid
2
20
ns
td9
Delay time, CS to rising edge
10
ns
td10
Delay time, previous data available after CS, R/C low
2
µs
tsu3
Setup time, BUSY transition to first external DATACLK
5
ns
td11
Delay time, final external DATACLK to BUSY falling edge
1
µs
tsu3
Setup time, TAG valid
0
ns
th1
Hold time, TAG valid
2
ns
5


Similar Part No. - ADS8509IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8509IDWRG4 TI1-ADS8509IDWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8509IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com