Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YT0524 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # YT0524
Description  YT0524
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

YT0524 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  YT0524 Datasheet HTML 1Page - List of Unclassifed Manufacturers YT0524 Datasheet HTML 2Page - List of Unclassifed Manufacturers YT0524 Datasheet HTML 3Page - List of Unclassifed Manufacturers YT0524 Datasheet HTML 4Page - List of Unclassifed Manufacturers YT0524 Datasheet HTML 5Page - List of Unclassifed Manufacturers YT0524 Datasheet HTML 6Page - List of Unclassifed Manufacturers YT0524 Datasheet HTML 7Page - List of Unclassifed Manufacturers YT0524 Datasheet HTML 8Page - List of Unclassifed Manufacturers YT0524 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
YT0524
4
西安亚同集成电路技术有限公司
Xi’an Swip Co.,Ltd
Http://www.swip.com.cn
Email: market@swip.com.cn
Tel: 86-29-8386383
Fax: 86-29-8386287
脉冲输出的最高频率
fmax由 9、10 脚的外部参数决定,取值范围为R(PIN10) 5KΩ-----15KΩ,C(PIN9) 220P-----470P
其公式为
fmax0.15/( R(PIN10) × C(PIN9) );
脉冲输出的最低频率fmin 由 8 脚的外部电阻确定,其公式为 fmin(1-R(PIN10)/R(PIN8))× fmax
fmax~fmin的范围应包括压电陶瓷变压器点亮灯管的频率和正常工作的频率,并考虑器件参数离散性及漂移。
13 脚外接电容决定频率扫描速率,取值较低,则扫描速率较快,效率较高,但过低将影响系统稳定性,推荐使用
4700pF。
极限值(绝对最大额定值体系)
参数
符号
范围
单位
电源电压
Vcc
18
V
功耗
Pd
700
mW
工作温度范围
Topr
-20——85
0C
储存温度范围
Tstg
-50——125
0C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com