Electronic Components Datasheet Search |
|
V54C3128804VAT Datasheet(PDF) 10 Page - Mosel Vitelic, Corp |
|
V54C3128804VAT Datasheet(HTML) 10 Page - Mosel Vitelic, Corp |
10 / 43 page 10 V54C3128804VAT Rev. 1.4 November 2000 MOSEL VITELIC V54C3128804VAT Operating Currents (TA = 0 to 70°C, VCC = 3.3V ± 0.3V) (Recommended Operating Conditions unless otherwise noted) Notes: 7. These parameters depend on the cycle rate and these values are measured by the cycle rate under the minimum value of tCK and tRC. Input signals are changed one time during tCK. 8. These parameter depend on output loading. Specified values are obtained with output open. Symbol Parameter & Test Condition Max. Unit Note -7 / -7PC -8PC ICC1 Operating Current tRC = tRCMIN., tRC = tCKMIN. Active-precharge command cycling, without Burst Operation 1 bank operation 170 150 mA 7 ICC2P Precharge Standby Current in Power Down Mode CS =VIH, CKE≤ VIL(max) tCK = min. 1.5 1.5 mA 7 ICC2PS tCK = Infinity 1 1 mA 7 ICC2N Precharge Standby Current in Non-Power Down Mode CS =VIH, CKE≥ VIL(max) tCK = min. 45 35 mA ICC2NS tCK = Infinity 5 5 mA ICC3 No Operating Current tCK = min, CS = VIH(min) bank ; active state ( 4 banks) CKE ≥ VIH(MIN.) 55 45 mA ICC3P CKE ≥ VIL(MAX.) (Power down mode) 10 10 mA ICC4 Burst Operating Current tCK = min Read/Write command cycling 110 90 mA 7,8 ICC5 Auto Refresh Current tCK = min Auto Refresh command cycling 250 210 mA 7 ICC6 Self Refresh Current Self Refresh Mode, CKE=0.2V 1.5 1.5 mA L-version 800 800 µA |
Similar Part No. - V54C3128804VAT |
|
Similar Description - V54C3128804VAT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |