Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT1018 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SPT1018
Description  8-BIT, HIGH SPEED D/A CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPT1018 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SPT1018 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT1018 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT1018 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT1018 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT1018 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT1018 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT1018 Datasheet HTML 9Page - List of Unclassifed Manufacturers SPT1018 Datasheet HTML 10Page - List of Unclassifed Manufacturers SPT1018 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SPT
8
5/14/97
SPT1018
Figure 4 - CONVert, CONVert Switching Levels
V
IDF
V
ICM MAX
0.0 V
-1.3 V
CONV
CONV
V
ICM MIN
Figure 5A - Standard Load
OUT +
Video Monitor
Inverse
Video
OUT-
RL
75
75
Ω COAX
RS
75
RL
75
75
Ω COAX
RS
75
SPT1018
Figure 5B - Test Load
Video Out
0 to -1 Volt
OUT +
OUT -
RL
37.5Ω
CL
<5 pF
TYPICAL RGB GRAPHICS SYSTEM
In an RGB graphics system, the color displayed is determined
by the combined intensities of the red, green and blue (RGB)
D/A converter outputs. A change in gain or offset in any of the
RGB outputs will affect the apparent hue displayed on the
CRT screen.
Thus, it is very important that the outputs of the D/A convert-
ers track each other over a wide range of operating condi-
tions. Since the D/A output is proportional to the product of the
reference and digital input code, a common reference should
be used to drive all three D/As in an RGB system to minimize
RGB DAC-to-DAC mismatch and improve TC tracking.
The SPT1019 contains an internal precision bandgap refer-
ence which completely eliminates the need for an external
reference. The reference can supply up to 50
µA to an
external load, such as two other DAC reference inputs. (See
the SPT1019 data sheet).
The circuits shown in figure 6 illustrate how a single SPT1019
may be used as a master reference in a system with multiple
DACs (such as RGB). The other DACs are simply slaved from
the SPT1019’s reference output. The SPT1018s shown are
especially well-suited to be slaved to a SPT1019 for a better
TC tracking from DAC-to-DAC, since they are essentially
SPT1019s without the reference. The SPT1018 is pin-com-
patible with the TDC1018, that does not have an internal
reference. Although either the TDC1018 or the SPT1018 may
be slaved from an SPT1019, the higher performance
SPT1018 and the above mentioned DAC-to-DAC TC track-
ing is the best choice for new designs.
No external reference is required for operation of the
SPT1019, as this function is provided internally. The internal
reference is a bandgap type and is suitable for operation over
extended temperature ranges. The SPT1018 must use an
external reference.
Figure 6 - Typical RGB Graphics System
Ref-
Ref+
750
500
750
500
R
G
1 k
Ref-
Ref+
B
1 k
Ref Out
ISet
R2
750
R1
500
IRef
ISet
ISet
ISet
SPT1019
(Master)
SPT1018
(Slave)
SPT1018
(Slave)
Figure 7 - Burn-In Circuit
CONV
1 k
100
6.5
-1.2 V
(Max 1.5 mA)
1 k
24 Pin DIP
All Resistors Are 5% 1/4 W cc
Clock = -0.9 to -1.7 V, 100 kHz
Ref+
CONV
1 k
VCC
Clock
(Max 60 µA)
-5.9 V
(Max 200 mA)
(Max 50 mA)
Out-
Ref-
VEE
Out+
-1.3 V
(Max 60 µA)
1 k
6.5
100
(Max 50 mA)
(Max 1.5 mA)


Similar Part No. - SPT1018

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT1018 CADEKA-SPT1018 Datasheet
552Kb / 11P
   18-BIT, HIGH SPEED D/A CONVERTER
SPT1018AIN CADEKA-SPT1018AIN Datasheet
552Kb / 11P
   18-BIT, HIGH SPEED D/A CONVERTER
SPT1018BIN CADEKA-SPT1018BIN Datasheet
552Kb / 11P
   18-BIT, HIGH SPEED D/A CONVERTER
More results

Similar Description - SPT1018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
AD9002 AD-AD9002_15 Datasheet
645Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. G
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
AD9012 AD-AD9012 Datasheet
141Kb / 8P
   High Speed 8-Bit TTL A/D Converter
REV. D
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com