Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1526AACTR Datasheet(PDF) 7 Page - Vishay Siliconix

Part # LH1526AACTR
Description  Dual 1 Form A Solid-State Relays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1526AACTR Datasheet(HTML) 7 Page - Vishay Siliconix

  LH1526AACTR Datasheet HTML 1Page - Vishay Siliconix LH1526AACTR Datasheet HTML 2Page - Vishay Siliconix LH1526AACTR Datasheet HTML 3Page - Vishay Siliconix LH1526AACTR Datasheet HTML 4Page - Vishay Siliconix LH1526AACTR Datasheet HTML 5Page - Vishay Siliconix LH1526AACTR Datasheet HTML 6Page - Vishay Siliconix LH1526AACTR Datasheet HTML 7Page - Vishay Siliconix LH1526AACTR Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LH1526AB/ AAC/ AACTR
Document Number 83825
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
7
Package Dimensions in Inches (mm)
i178009
Pin one I.D
.
.390 (9.91)
.379 (9.63)
.045 (1.14)
.030 (0.78)
.040 (1.02)
.020 (.51)
typ.
.008 (.25)
.004 (.10)
.150 (3.81)
.130 (3.30)
.100 (2.54)
typ.
.050
(1.27)
typ.
.312 (7.80)
.298 (7.52)
.315
(8.00)
typ.
.395 (10.03)
.375 (9.52)
.031 (.79)
typ.
.268 (6.81)
.255 (6.48)
Radius
.010
(2.54)
typ.
10°ˇ
3° to 7°ˇ
SMD
ISO Method A
.100 (2.54)
R .010 (.25)
.070 (1.78)
.030 (.76)
.060 (1.52)
.315 (8.00) min
.435 (11.05)


Similar Part No. - LH1526AACTR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
LH1526AACTR INFINEON-LH1526AACTR Datasheet
179Kb / 6P
   Dual 1 Form A Solid-State Relays
March 26, 2000-17
logo
Vishay Siliconix
LH1526AACTR VISHAY-LH1526AACTR Datasheet
161Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
LH1526AACTR VISHAY-LH1526AACTR Datasheet
190Kb / 9P
   Dual 1 Form A Solid-State Relay
01-Jan-2022
LH1526AACTR VISHAY-LH1526AACTR Datasheet
191Kb / 9P
   Dual 1 Form A Solid-State Relay
01-Jan-2023
More results

Similar Description - LH1526AACTR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
LH1526AB INFINEON-LH1526AB Datasheet
179Kb / 6P
   Dual 1 Form A Solid-State Relays
March 26, 2000-17
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
   1 Form A Solid-State Relays
March 21, 2001-14
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB Datasheet
387Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1505AB VISHAY-LH1505AB Datasheet
89Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1532FP VISHAY-LH1532FP_13 Datasheet
111Kb / 6P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 12-Apr-13
LH1522AB VISHAY-LH1522AB_11 Datasheet
168Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
LH1520AB VISHAY-LH1520AB_V02 Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2023
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
   Dual 1 Form A Solid State Relay
logo
Vishay Siliconix
VOR2142A8 VISHAY-VOR2142A8 Datasheet
157Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.0, 14-Jun-16
LH1556AAC VISHAY-LH1556AAC_14 Datasheet
202Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.8, 10-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com