Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1404 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC1404
Description  PRECISION LOW DRIFT VOLTAGE REFERENCES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1404 Datasheet(HTML) 1 Page - ON Semiconductor

  MC1404 Datasheet HTML 1Page - ON Semiconductor MC1404 Datasheet HTML 2Page - ON Semiconductor MC1404 Datasheet HTML 3Page - ON Semiconductor MC1404 Datasheet HTML 4Page - ON Semiconductor MC1404 Datasheet HTML 5Page - ON Semiconductor MC1404 Datasheet HTML 6Page - ON Semiconductor MC1404 Datasheet HTML 7Page - ON Semiconductor MC1404 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Device
Operating
Temperature Range
Package
MC1404
SEMICONDUCTOR
TECHNICAL DATA
PRECISION LOW DRIFT
VOLTAGE REFERENCES
ORDERING INFORMATION
MC1404P5
MC1404P6
TA = 0° to +70°C
Plastic DIP
Plastic DIP
PIN CONNECTIONS
Order this document by MC1404/D
5.0, 6.25, and 10–VOLT OUTPUT VOLTAGES
P SUFFIX
PLASTIC PACKAGE
CASE 626
8
1
MC1404P10
Plastic DIP
TRIM
Vout
NC
NC
8
1
3
Vin
VTEMP
4
2
Gnd
7
NC
6
5
1
MOTOROLA ANALOG IC DEVICE DATA
Voltage Reference Family
The MC1404 of ICs is a family of temperature–compensated voltage
references for precision data conversion applications, such as A/D, D/A, V/F,
and F/V. Advances in laser–trimming and ion–implanted devices, as well as
monolithic fabrication techniques, make these devices stable and accurate
to 12 bits over both military and commercial temperature ranges. In addition
to excellent temperature stability, these parts offer excellent long–term
stability and low noise.
Output Voltages: Standard, 5.0 V, 6.25 V, 10 V
Trimmable Output: > ± 6%
Wide Input Voltage Range: Vref + 2.5 V to 40 V
Low Quiescent Current: 1.25 mA Typical
Temperature Coefficient: 10 ppm/°C Typical
Low Output Noise: 12 µV p–p Typical
Excellent Ripple Rejection: > 80 dB Typical
Typical Applications
Voltage Reference for 8 to 12 Bit D/A Converters
Low TC Zener Replacement
High Stability Current Reference
MPU D/A and A/D Applications
Figure 1. Voltage Output 8–Bit DAC Using MC1404P10
+ 5.0
7
+ 15
5.0 k
+
LF156A
3
2
1
5
4
– 15
5.0 k
75 pF
5.0 k
0.05
6
+ 15
MC1404P10
2
– 15
4
8 Bit
DAC
LSB
Digital
Inputs
MSB
0 to
+ 10 V
Ref
In
Out
© Motorola, Inc. 1996
Rev 2


Similar Part No. - MC1404

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14040 ONSEMI-MC14040 Datasheet
215Kb / 8P
   12-Bit Binary Counter
March, 2000 ??Rev. 3
MC14040B ONSEMI-MC14040B Datasheet
215Kb / 8P
   12-Bit Binary Counter
March, 2000 ??Rev. 3
MC14040B ONSEMI-MC14040B Datasheet
119Kb / 8P
   12?묪it Binary Counter
August, 2005 ??Rev. 7
MC14040B ONSEMI-MC14040B Datasheet
157Kb / 9P
   12-Bit Binary Counter
April, 2013 ??Rev. 10
MC14040B ONSEMI-MC14040B Datasheet
128Kb / 8P
   12-Bit Binary Counter
August, 2014 ??Rev. 11
More results

Similar Description - MC1404

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6655 LINER-LTC6655_15 Datasheet
675Kb / 26P
   0.25ppm Noise, Low Drift Precision References
logo
Maxim Integrated Produc...
MAX676 MAXIM-MAX676 Datasheet
774Kb / 12P
   CALIBRATED, LOW-DRIFT, 4,096V/5V/10V PRECISION VOLTAGE REFERENCES
Rev 1; 11/94
MAX873 MAXIM-MAX873_07 Datasheet
384Kb / 12P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 3; 6/07
MAX873 MAXIM-MAX873 Datasheet
298Kb / 8P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 1; 10/92
logo
Analog Devices
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
   Precision Voltage References
logo
Texas Instruments
REF3425-Q1 TI1-REF3425-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Drift, Low-Power, Small-Footprint Series Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com