Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCMS-39X2 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCMS-39X2
Description  3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCMS-39X2 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCMS-39X2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCMS-39X2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCMS-39X2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCMS-39X2 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCMS-39X2 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCMS-39X2 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCMS-39X2 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCMS-39X2 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCMS-39X2 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Display Overview
The HCMS-39XX series is a
family of LED displays driven by
on-board CMOS ICs. The LEDs
are configured as 5x7 font
characters and are driven in
groups of 4 characters per IC.
Each IC consists of a 160-bit shift
register (the Dot Register), two
7-bit Control Words, and refresh
circuitry. The Dot Register
contents are mapped on a one-to-
one basis to the display. Thus, an
individual Dot Register bit
uniquely controls a single LED.
Eight-character displays have two
ICs that are cascaded. The Data
Out line of the first IC is
internally connected to the Data
In line of the second IC forming a
320-bit Dot Register. The
display’s other control and power
lines are connected directly to
both ICs.
Reset
Reset initializes the Control
Registers (sets all Control
Register bits to logic low) and
places the display in the sleep
mode. The Reset pin should be
connected to the system power
on reset circuit. The Dot
Registers are not cleared upon
power-on or by Reset. After
power-on, the Dot Register
contents are random; however,
Reset will put the display in sleep
mode, thereby blanking the
LEDs. The Control Register and
the Control Words are cleared to
all zeros by Reset.
To operate the display after being
Reset, load the Dot Register with
logic lows. Then load Control
Word 0 with the desired
brightness level and set the sleep
mode bit to logic high.
Dot Register
The Dot Register holds the
pattern to be displayed by the
LEDs. Data is loaded into the Dot
Register according to the
procedure shown in Table 1 and
Figure 5.
First RS is brought low, then CE
is brought low. Next, each
successive rising CLK edge will
shift in the data at the DIN pin.
Loading a logic high will turn the
corresponding LED on; a logic
low turns the LED off. When all
160 bits have been loaded (or
320 bits in an 8-digit display), CE
is brought to logic high.
When CLK is next brought to
logic low, new data is latched into
the display dot drivers. Loading
data into the Dot Register takes
place while the previous data is
displayed and eliminates the need
to blank the display while loading
data.
Table 1. Register Truth Table
Function
CLK
CE
RS
Select Dot Register
Not Rising
L
Load Dot Register
LX
DIN = HIGH LED = “ON”
DIN = LOW LED = “OFF”
Copy Data from Dot Register to Dot Latch
L
H
X
Select Control Register
Not Rising
H
Load Control Register[1,3]
LX
Latch Data to Control Word[2]
LH
X
Notes:
1. BIT D0 of Control Word 1 must have been previously set to Low for serial mode or High for simultaneous mode.
2. Selection of Control Word 1 or Control Word 0 is set by D7 of the Control Shift Register. The unselected control word retains its previous value.
3. Control Word data is loaded Most Significant Bit (D7) first.


Similar Part No. - HCMS-39X2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39XX AVAGO-HCMS-39XX Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Broadcom Corporation.
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results

Similar Description - HCMS-39X2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-39XX AVAGO-HCMS-39XX Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2919 AVAGO-HCMS-2919 Datasheet
139Kb / 14P
   High Performance CMOS 5x7 AlphaNumeric GaN Blue Display
HCMS-2819 AVAGO-HCMS-2819 Datasheet
212Kb / 12P
   High Performance CMOS 5x7 AlphaNumeric InGaN Blue Display
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com