Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73K322L-IP Datasheet(PDF) 9 Page - TDK Electronics

Part # 73K322L-IP
Description  CCITT V.23, V.22, V.21 Single-Chip Modem
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73K322L-IP Datasheet(HTML) 9 Page - TDK Electronics

Back Button 73K322L-IP Datasheet HTML 5Page - TDK Electronics 73K322L-IP Datasheet HTML 6Page - TDK Electronics 73K322L-IP Datasheet HTML 7Page - TDK Electronics 73K322L-IP Datasheet HTML 8Page - TDK Electronics 73K322L-IP Datasheet HTML 9Page - TDK Electronics 73K322L-IP Datasheet HTML 10Page - TDK Electronics 73K322L-IP Datasheet HTML 11Page - TDK Electronics 73K322L-IP Datasheet HTML 12Page - TDK Electronics 73K322L-IP Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
73K322L
CCITT V.23, V.22, V.21
Single-Chip Modem
9
CONTROL REGISTER 0
D7
D6
D5
D4
D3
D2
D1
D0
CR0
000
MODUL.
OPTION
TRANSMIT
MODE 3
TRANSMIT
MODE 2
TRANSMIT
MODE 1
TRANSMIT
MODE 0
TRANSMIT
ENABLE
ANSWER/
ORIGINATE
BIT NO.
NAME
CONDITION
DESCRIPTION
D0
Answer/
Originate
0
Selects Answer mode in V.21 and V.22 (transmit in high
band), receive in low band or in V.23 HDX mode, receive
at 1200 bit/s and transmit at 75 bit/s.
Selects Originate mode in V.21 and V.22 (transmit in low
band), receive in high band or in V.23 HDX mode,
receive at 75 bit/s and transmit at 1200 bit/s.
1
Note: This bit works with TR bit D0 to program special
tones detected in Tone Register. See detect and tone
registers.
0
Disables transmit output at TXA.
Enables transmit output at TXA.
D1
Transmit Enable
1
Note: Answer tone and DTMF TX control require TX
enable.
D5 D4 D3 D2
00
0
0
Selects Power Down mode. All functions disabled except
digital interface.
0
0
0
1
Internal Synchronous mode. In this mode TXCLK is an
internally derived 1200 Hz signal. Serial input data
appearing at TXD must be valid on the rising edge of
TXCLK. Receive data is clocked out of RXD on the falling
edge of RXCLK.
00
1
0
External Synchronous mode. Operation is identical to
internal synchronous, but TXCLK is connected internally
to EXCLK pin, and a 1200 Hz ± 0.01% clock must be
supplied externally.
00
1
1
Slave Synchronous mode. Same operation as other
Synchronous modes. TXCLK is connected internally to
the RXCLK pin in this mode.
01
0
0
Selects DPSK Asynchronous mode - 8 bits/character (1
start bit, 6 data bits, 1 stop bit).
0
1
0
1
Selects DPSK Asynchronous mode - 9 bits/character (1
start bit, 7 data bits, 1 stop bit).
0
1
1
0
Selects DPSK Asynchronous mode - 10 bits/character (1
start bit, 8 data bits, 1 stop bit).
0
1
1
1
Selects DPSK Asynchronous mode - 11 bits/character (1
start bit, 8 data bits, Parity and 1 or 2 stop bits).
D5, D4,D3,
D2
Transmit Mode
1
1
0
0
Selects FSK operation.


Similar Part No. - 73K322L-IP

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
More results

Similar Description - 73K322L-IP

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
Motorola, Inc
MC145745 MOTOROLA-MC145745 Datasheet
175Kb / 16P
   V.21/V.23 TELEMETER MODEM
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
TDK-73M2901CL TDK-TDK-73M2901CL Datasheet
282Kb / 18P
   V.22 BIS SINGLE CHIP MODEM
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
TDK Electronics
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com