Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14029B Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14029B
Description  Binary/Decade Up/Down Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14029B Datasheet(HTML) 4 Page - ON Semiconductor

  MC14029B Datasheet HTML 1Page - ON Semiconductor MC14029B Datasheet HTML 2Page - ON Semiconductor MC14029B Datasheet HTML 3Page - ON Semiconductor MC14029B Datasheet HTML 4Page - ON Semiconductor MC14029B Datasheet HTML 5Page - ON Semiconductor MC14029B Datasheet HTML 6Page - ON Semiconductor MC14029B Datasheet HTML 7Page - ON Semiconductor MC14029B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC14029B
http://onsemi.com
4
Figure 1. Power Dissipation Test Circuit and Waveform
VDD
ID
500 pF
0.01
µF
CERAMIC
PULSE
GENERATOR
PE
Cin
B/D
U/D
CLK
P0
P1
P2
P3
Cout
Q3
Q2
Q1
Q0
CL
CL
CL
CL
CL
VDD
VSS
20 ns
20 ns
CLK
50%
90%
10%
VARIABLE
WIDTH
Figure 2. Switching Time Test Circuit and Waveforms
PROGRAMMABLE
PULSE
GENERATOR
VDD
PE
Cin
B/D
U/D
CLK
P0
P1
P2
P3
Cout
Q3
Q2
Q1
Q0
CL
VSS
CL
CL
CL
CL
tW
tsu
trem
1/fcl
50%
50%
tW
Cout ONLY
tTLH
tPLH
tPLH
tPHL
tTHL
90%
10%
90%
10%
20 ns
CARRY IN OR
UP/DOWN
OR BINARY/DECADE
CLOCK
PRESET ENABLE
Q0 OR CARRY OUT
VDD
VSS
VDD
VSS
VDD
VSS
VOH
VOL


Similar Part No. - MC14029B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
MC14029B ONSEMI-MC14029B Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
logo
Motorola, Inc
MC14029BCL MOTOROLA-MC14029BCL Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
MC14029BCP MOTOROLA-MC14029BCP Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
More results

Similar Description - MC14029B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
   Synchronous up/down counter, binary/decade counter
January 1995
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
   SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
logo
Fairchild Semiconductor
CD4029BC FAIRCHILD-CD4029BC Datasheet
94Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
National Semiconductor ...
CD4029BC NSC-CD4029BC Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
   BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com