Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMIB9948CAT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # IMIB9948CAT
Description  3.3V, 160-MHz, 1:12 Clock Distribution Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IMIB9948CAT Datasheet(HTML) 4 Page - Cypress Semiconductor

  IMIB9948CAT Datasheet HTML 1Page - Cypress Semiconductor IMIB9948CAT Datasheet HTML 2Page - Cypress Semiconductor IMIB9948CAT Datasheet HTML 3Page - Cypress Semiconductor IMIB9948CAT Datasheet HTML 4Page - Cypress Semiconductor IMIB9948CAT Datasheet HTML 5Page - Cypress Semiconductor IMIB9948CAT Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
B9948
Document #: 38-07079 Rev. *D
Page 4 of 6
Notes:
6.
Parameters are guaranteed by design and characterization. Not 100% tested in production. All parameters specified with loaded outputs.
7.
Outputs driving 50
Ω transmission lines.
8.
50% input duty cycle.
9.
Outputs loaded with 30 pF each.
10. Part-to-Part Skew at a given temperature and voltage.
11. Set-up and Hold times are relative to the falling edge of the input clock.
Note:The ordering part number is formed by a combination of device number, device revision, package style, and screening as
shown below.
AC Parameters[[6]]: VDDC = 3.3V ±10%, VDD = 3.3V ±10%, TA = –40°C to +85°C
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
Fmax
Maximum Input Frequency[[7]]
160
MHz
Tpd
PECL_CLK to Q Delay[[7]]
4.0
8.0
ns
TCLK to Q Delay[[7]]
4.4
8.9
FoutDC
Output Duty Cycle[[7],[8]]
Measured at VDDC/2
TCYCLE/2 – 800
TCYCLE/2 + 800
ps
tpZL, tpZH
Output enable time (all outputs)
2
10
ns
tpLZ, tpHZ
Output disable time (all outputs)
2
10
ns
Tskew
Output-to-Output Skew[[7],[9]]
350
ps
Tskew (pp)
Part-to-Part Skew[[10]]
PECL_CLK to Q
1.5
ns
TCLK to Q
2.0
Ts
Set-up Time[[7],[11]]
SYNC_OE to PECL_CLK
1.0
ns
SYNC_OE to TCLK
0.0
Th
Hold Time[[7],[11]]
PECL_CLK to SYNC_OE
0.0
ns
TCLK to SYNC_OE
1.0
Tr/Tf
Output Clocks Rise/Fall Time[[9]]
0.8V to 2.0V
0.2
1.0
ns
Ordering Information
Part Number
Package Type
Production Flow
IMIB9948CA
32-pin TQFP
Industrial, –40
°C to +85°C
IMIB9948CAT
32-pin TQFP - Tape and Reel
Industrial, –40
°C to +85°C
Marking: Example:
IMI
B9948CA
Date Code, Lot #
IMI B9948CA
Package
A = TQFP
Revision
Device Number


Similar Part No. - IMIB9948CAT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
IMIB9940LBL CYPRESS-IMIB9940LBL Datasheet
182Kb / 5P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
IMIB9940LBLT CYPRESS-IMIB9940LBLT Datasheet
182Kb / 5P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
More results

Similar Description - IMIB9948CAT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
B9948L CYPRESS-B9948L Datasheet
69Kb / 6P
   2.5V/3.3V, 160-MHz, 1:12 Clock Distribution Buffer
B9946 CYPRESS-B9946 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:10 Clock Distribution Buffer
B9949 CYPRESS-B9949 Datasheet
70Kb / 8P
   3.3V 160-MHz 1:15 Clock Distribution Buffer
B9947 CYPRESS-B9947 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:9 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_06 Datasheet
191Kb / 8P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29948 CYPRESS-CY29948 Datasheet
108Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29947 CYPRESS-CY29947 Datasheet
103Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
CY29946 CYPRESS-CY29946 Datasheet
111Kb / 6P
   2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
CY29949 CYPRESS-CY29949_08 Datasheet
328Kb / 7P
   2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
   2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com