Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLL14KESD13 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MLL14KESD13
Description  SURFACE MOUNT TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MLL14KESD13 Datasheet(HTML) 3 Page - Microsemi Corporation

  MLL14KESD13 Datasheet HTML 1Page - Microsemi Corporation MLL14KESD13 Datasheet HTML 2Page - Microsemi Corporation MLL14KESD13 Datasheet HTML 3Page - Microsemi Corporation MLL14KESD13 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SURFACE MOUNT TVS
SCOTTSD A L E DIVISION
MLL14KESD5.0 thru MLL14KESD170A
REVERSE
STAND-OFF
VOLTAGE
BREAKDOWN
VOLTAGE VBR
MINIMUM
BREAKDOWN
CURRENT
MAXIMUM
STANDBY
CURRENT
MAXIMUM
CLAMPING
VOLTAGE
PEAK PULSE
CURRENT
VWM
V(BR)
I(BR)
ID @ VWM
VC @ IPP
IPP**
TYPE NUMBER
VOLTS
VOLTS
mA
µA
VOLTS
AMPS
MLL14KESD45A
MLL14KESD48
MLL14KESD48A
MLL14KESD51
MLL14KESD51A
45
48
48
51
51
50.0
53.3
53.3
56.7
56.7
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
79.0
88.8
84.2
94.5
89.6
50.6
45.0
47.5
42.3
44.6
MLL14KESD54
MLL14KESD54A
MLL14KESD58
MLL14KESD58A
MLL14KESD60
54
54
58
58
60
60.0
60.0
64.4
64.4
66.7
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
100.0
94.7
107.4
101.7
111.2
40.0
42.2
37.2
39.3
36.0
MLL14KESD60A
MLL14KESD64
MLL14KESD64A
MLL14KESD70
MLL14KESD70A
60
64
64
70
70
66.7
71.1
71.1
77.8
77.8
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
105.3
118.5
112.3
129.7
122.9
38.0
33.7
35.6
30.8
32.5
MLL14KESD75
MLL14KESD75A
MLL14KESD78
MLL14KESD78A
MLL14KESD85
75
75
78
78
85
83.3
83.3
86.7
86.7
94.4
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
139.0
131.5
144.5
136.9
157.1
28.8
30.4
27.7
29.2
25.4
MLL14KESD85A
MLL14KESD90
MLL14KESD90A
MLL14KESD100
MLL14KESD100A
85
90
90
100
100
94.4
100.0
100.0
111.0
111.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
148.8
166.5
158.3
185.3
175.5
26.9
24.0
25.3
21.6
22.8
MLL14KESD110
MLL14KESD110A
MLL14KESD120
MLL14KESD120A
MLL14KESD130
110
110
120
120
130
122.0
122.0
133.0
133.0
144.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
203.3
192.8
222.0
210.0
240.0
19.7
20.7
18.0
19.0
16.7
MLL14KESD130A
MLL14KESD150
MLL14KESD150A
MLL14KESD160
MLL14KESD160A
130
150
150
160
160
144.0
167.0
167.0
178.0
178.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
227.3
278.3
264.0
297.0
281.2
17.6
14.4
15.2
13.5
14.2
MLL14KESD170
MLL14KESD170A
170
170
189.0
189.0
1.0
1.0
1.0
1.0
315.0
298.5
12.7
13.4
* For bidirectional, add a “C” or “CA” suffix after the part number, e.g. MLL14KESD5.0C or MLL14KESD5.0CA for the
MLL14KESD5.0 or MLL14KESD5.0A part numbers respectively. Capacitance will be one-half that shown in Figure 3 for zero volts.
** At 4000 watts 1
µs square wave rating (See Figures 1 and 2).
GRAPHS
tp – Pulse Time
FIGURE 1
Peak Pulse Power vs. Pulse Width
(*Exponential Wave Form Pulse Width to 50% Decay of Peak.)
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
 2002
10-03-2003 REV A


Similar Part No. - MLL14KESD13

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL14KESD13 MICROSEMI-MLL14KESD13 Datasheet
119Kb / 2P
   SURFACE MOUNT
MLL14KESD13 MICROSEMI-MLL14KESD13 Datasheet
118Kb / 2P
   SURFACE MOUNT
MLL14KESD130 MICROSEMI-MLL14KESD130 Datasheet
119Kb / 2P
   SURFACE MOUNT
MLL14KESD130 MICROSEMI-MLL14KESD130 Datasheet
118Kb / 2P
   SURFACE MOUNT
MLL14KESD130A MICROSEMI-MLL14KESD130A Datasheet
119Kb / 2P
   SURFACE MOUNT
More results

Similar Description - MLL14KESD13

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL1.4KESD5.0 MICROSEMI-MLL1.4KESD5.0 Datasheet
213Kb / 4P
   SURFACE MOUNT TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ11A LEIDITECH-5.0SMDJ11A Datasheet
1Mb / 8P
   TVS Surface Mount
logo
Shenzhen Luguang Electr...
SMCJ5.0 LUGUANG-SMCJ5.0 Datasheet
334Kb / 4P
   Surface Mount TVS
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
   400W SURFACE MOUNT TVS
logo
Bourns Electronic Solut...
CDDFN2-T4.7C BOURNS-CDDFN2-T4.7C Datasheet
228Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B_16 Datasheet
255Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0LC BOURNS-CDDFN2-T5.0LC Datasheet
256Kb / 4P
   Surface Mount TVS Diode
CDSOT23-SLVU2.8 BOURNS-CDSOT23-SLVU2.8 Datasheet
311Kb / 4P
   Surface Mount TVS Diode
logo
Diodes Incorporated
T3V3S5 DIODES-T3V3S5 Datasheet
93Kb / 3P
   UNIDIRECTIONAL SURFACE MOUNT TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
   TVS Surface Mount ??5000W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com