Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14016BF Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC14016BF
Description  Quad Analog Switch/Quad Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14016BF Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC14016BF Datasheet HTML 2Page - ON Semiconductor MC14016BF Datasheet HTML 3Page - ON Semiconductor MC14016BF Datasheet HTML 4Page - ON Semiconductor MC14016BF Datasheet HTML 5Page - ON Semiconductor MC14016BF Datasheet HTML 6Page - ON Semiconductor MC14016BF Datasheet HTML 7Page - ON Semiconductor MC14016BF Datasheet HTML 8Page - ON Semiconductor MC14016BF Datasheet HTML 9Page - ON Semiconductor MC14016BF Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC14016B
http://onsemi.com
6
Figure 6. RON Characteristics
Test Circuit
Figure 7. Propagation Delay Test Circuit
and Waveforms
VC
Vin
Vout
RL
Vout
Vin
RL
CL
20 ns
20 ns
VDD
VSS
Vin
Vout
tPLH
tPHL
50%
10%
50%
90%
Figure 8. Turn–On Delay Time Test Circuit
and Waveforms
Figure 9. Crosstalk Test Circuit
VC
Vout
Vin
RL
CL
VX
20 ns
VC
Vout
Vout
10%
90%
10%
90%
90%
50%
10%
tPZH
tPHZ
VDD
VSS
tPLZ
tPZL
Vin = VDD
Vx = VSS
Vin = VSS
Vx = VDD
VC
Vout
Vin
1 k
10 k
15 pF
Figure 10. Noise Voltage Test Circuit
Figure 11. Typical Noise Characteristics
VC = VDD
OUT
IN
QUAN–TECH
MODEL
2283
OR EQUIV
100 k
10 k
1.0 k
100
10
35
30
25
20
0
10 Vdc
5.0 Vdc
f, FREQUENCY (Hz)
15
10
5.0
VDD = 15 Vdc


Similar Part No. - MC14016BF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14016BFEL ONSEMI-MC14016BFEL Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14016BFELG ONSEMI-MC14016BFELG Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14016BFELG ONSEMI-MC14016BFELG Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
More results

Similar Description - MC14016BF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com