Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M393T6450FG3-CC Datasheet(PDF) 3 Page - Samsung semiconductor

Part # M393T6450FG3-CC
Description  DDR2 Registered SDRAM MODULE 240pin Registered Module based on 256Mb F-die 72-bit ECC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M393T6450FG3-CC Datasheet(HTML) 3 Page - Samsung semiconductor

  M393T6450FG3-CC Datasheet HTML 1Page - Samsung semiconductor M393T6450FG3-CC Datasheet HTML 2Page - Samsung semiconductor M393T6450FG3-CC Datasheet HTML 3Page - Samsung semiconductor M393T6450FG3-CC Datasheet HTML 4Page - Samsung semiconductor M393T6450FG3-CC Datasheet HTML 5Page - Samsung semiconductor M393T6450FG3-CC Datasheet HTML 6Page - Samsung semiconductor M393T6450FG3-CC Datasheet HTML 7Page - Samsung semiconductor M393T6450FG3-CC Datasheet HTML 8Page - Samsung semiconductor M393T6450FG3-CC Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Rev. 1.3 Aug. 2005
256MB, 512MB Registered DIMMs
DDR2 SDRAM
Pin Configurations (Front side/Back side)
NC = No Connect, RFU = Reserved for Future Use
1. RESET (Pin 18) is connected to both OE of PLL and Reset of register.
2. The Test pin (Pin 102) is reserved for bus analysis probes and is not connected on normal memory modules (DIMMs)
3. NC/Err_Out ( Pin 55) and NC/Par_In (Pin 68) are for optional function to check address and command parity.
4. CKE1,S1 Pin is used for double side Registered DIMM.
Pin
Front
Pin
Back
Pin
Front
Pin
Back
Pin
Front
Pin
Back
Pin
Front
Pin
Back
1
VREF
121
VSS
31
DQ19
151
VSS
61
A4
181
VDDQ
91
VSS
211
DM5/DQS14
2
VSS
122
DQ4
32
VSS
152
DQ28
62
VDDQ
182
A3
92
DQS5212
NC/DQS14
3
DQ0
123
DQ5
33
DQ24
153
DQ29
63
A2
183
A1
93
DQS5
213
VSS
4
DQ1
124
VSS
34
DQ25
154
VSS
64
VDD
184
VDD
94
VSS
214
DQ46
5
VSS
125
DM0/DQS9
35
VSS
155
DM3/DQS12
KEY
95
DQ42
215
DQ47
6DQS0
126
NC/DQS936
DQS3
156
NC/DQS12
65
VSS
185
CK0
96
DQ43
216
VSS
7
DQS0
127
VSS
37
DQS3
157
VSS
66
VSS
186
CK097
VSS
217
DQ52
8
VSS
128
DQ6
38
VSS
158
DQ30
67
VDD
187
VDD
98
DQ48
218
DQ53
9
DQ2
129
DQ7
39
DQ26
159
DQ31
68
NC/Par_In
188
A0
99
DQ49
219
VSS
10
DQ3
130
VSS
40
DQ27
160
VSS
69
VDD
189
VDD
100
VSS
220
RFU
11
VSS
131
DQ12
41
VSS
161
CB4
70
A10/AP
190
BA1
101
SA2
221
RFU
12
DQ8
132
DQ13
42
CB0
162
CB5
71
BA0
191
VDDQ
102
NC(TEST)
222
VSS
13
DQ9
133
VSS
43
CB1
163
VSS
72
VDDQ
192
RAS
103
VSS
223
DM6/DQS15
14
VSS
134
DM1/DQS10
44
VSS
164
DM8/DQS17
73
WE
193
S0
104
DQS6224
NC/DQS15
15
DQS1
135
NC/DQS10
45
DQS8
165
NC/DQS17
74
CAS
194
VDDQ
105
DQS6
225
VSS
16
DQS1
136
VSS
46
DQS8
166
VSS
75
VDDQ
195
ODT0
106
VSS
226
DQ54
17
VSS
137
RFU
47
VSS
167
CB6
76
S14
196
NC
107
DQ50
227
DQ55
18
RESET
138
RFU
48
CB2
168
CB7
77
ODT1
197
VDD
108
DQ51
228
VSS
19
NC
139
VSS
49
CB3
169
VSS
78
VDDQ
198
VSS
109
VSS
229
DQ60
20
VSS
140
DQ14
50
VSS
170
VDDQ
79
VSS
199
DQ36
110
DQ56
230
DQ61
21
DQ10
141
DQ15
51
VDDQ
171
CKE14
80
DQ32
200
DQ37
111
DQ57
231
VSS
22
DQ11
142
VSS
52
CKE0
172
VDD
81
DQ33
201
VSS
112
VSS
232
DM7/DQS16
23
VSS
143
DQ20
53
VDD
173
NC
82
VSS
202
DM4/DQS13
113
DQS7233
NC/DQS16
24
DQ16
144
DQ21
54
NC
174
NC
83
DQS4
203
NC/DQS13
114
DQS7
234
VSS
25
DQ17
145
VSS
55
NC/Err_Out
175
VDDQ
84
DQS4
204
VSS
115
VSS
235
DQ62
26
VSS
146
DM2/DQS11
56
VDDQ
176
A12
85
VSS
205
DQ38
116
DQ58
236
DQ63
27
DQS2
147
NC/DQS11
57
A11
177
A9
86
DQ34
206
DQ39
117
DQ59
237
VSS
28
DQS2
148
VSS
58
A7
178
VDD
87
DQ35
207
VSS
118
VSS
238
VDDSPD
29
VSS
149
DQ22
59
VDD
179
A8
88
VSS
208
DQ44
119
SDA
239
SA0
30
DQ18
150
DQ23
60
A5
180
A6
89
DQ40
209
DQ45
120
SCL
240
SA1
90
DQ41
210
VSS
Pin Description
* The VDD and VDDQ pins are tied to the single power-plane on PCB.
Pin Name
Description
Pin Name
Description
CK0
Clock Inputs, positive line
ODT0~ODT1
On die termination
CK0
Clock inputs, negative line
DQ0~DQ63
Data Input/Output
CKE0, CKE1
Clock Enables
CB0~CB7
Data check bits Input/Output
RAS
Row Address Strobe
DQS0~DQS8
Data strobes
CAS
Column Address Strobe
DQS0~DQS8
Data strobes, negative line
WE
Write Enable
DM(0~8),
DQS(9~17)
Data Masks / Data strobes (Read)
S0, S1
Chip Selects
DQS9~DQS17
Data strobes (Read), negative line
A0~A9, A11~A12
Address Inputs
RFU
Reserved for Future Use
A10/AP
Address Input/Autoprecharge
NC
No Connect
BA0, BA1
DDR2 SDRAM Bank Address
TEST
Memory bus test tool
(Not Connect and Not Useable on DIMMs)
SCL
Serial Presence Detect (SPD) Clock Input
VDD
Core Power
SDA
SPD Data Input/Output
VDDQ
I/O Power
SA0~SA2
SPD address
VSS
Ground
Par_In
Parity bit for the Address and Control bus
VREF
Input/Output Reference
Err_Out
Parity error found in the Address and Control bus VDDSPD
SPD Power
RESET
Register and PLL control pin


Similar Part No. - M393T6450FG3-CC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T6553BG SAMSUNG-M393T6553BG Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T6553BG0-CD5/CC SAMSUNG-M393T6553BG0-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T6553BG3-CD5/CC SAMSUNG-M393T6553BG3-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T6553BZ0-CD5/CC SAMSUNG-M393T6553BZ0-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T6553BZ3-CD5/CC SAMSUNG-M393T6553BZ3-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
More results

Similar Description - M393T6450FG3-CC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T6553CZ3 SAMSUNG-M393T6553CZ3 Datasheet
476Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb C-die 72-bit ECC
M393T6553BG SAMSUNG-M393T6553BG Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M390S2858ETU SAMSUNG-M390S2858ETU Datasheet
662Kb / 26P
   168pin Registered Module based on 256Mb E-die with 72-bit ECC
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M312L5128MT0 SAMSUNG-M312L5128MT0 Datasheet
178Kb / 14P
   DDR SDRAM Registered Module ( TSOP-II ) 184pin Registered Module based on 1Gb M-die with 1,200mil Height & 72-bit ECC
logo
Hynix Semiconductor
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Samsung semiconductor
M393T2863AZ3-CD5 SAMSUNG-M393T2863AZ3-CD5 Datasheet
526Kb / 22P
   DDR2 Registered SDRAM MODULE
M393T5663CZ3 SAMSUNG-M393T5663CZ3 Datasheet
620Kb / 26P
   DDR2 Registered SDRAM MODULE
logo
Hynix Semiconductor
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com