Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M393T6453FZ0-CC Datasheet(PDF) 11 Page - Samsung semiconductor

Part # M393T6453FZ0-CC
Description  DDR2 Registered SDRAM MODULE 240pin Registered Module based on 256Mb F-die 72-bit ECC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M393T6453FZ0-CC Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button M393T6453FZ0-CC Datasheet HTML 7Page - Samsung semiconductor M393T6453FZ0-CC Datasheet HTML 8Page - Samsung semiconductor M393T6453FZ0-CC Datasheet HTML 9Page - Samsung semiconductor M393T6453FZ0-CC Datasheet HTML 10Page - Samsung semiconductor M393T6453FZ0-CC Datasheet HTML 11Page - Samsung semiconductor M393T6453FZ0-CC Datasheet HTML 12Page - Samsung semiconductor M393T6453FZ0-CC Datasheet HTML 13Page - Samsung semiconductor M393T6453FZ0-CC Datasheet HTML 14Page - Samsung semiconductor M393T6453FZ0-CC Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Rev. 1.3 Aug. 2005
256MB, 512MB Registered DIMMs
DDR2 SDRAM
Operating Current Table(1-1) (TA=0oC, VDD= 1.9V)
M393T3253FG(Z)0 / M393T3253FG(Z)3 / M393T3253FZA : 256MB(32Mx8 *9) Module
* IDD6 = DRAM current + standby current of PLL and Register
** Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Symbol
E6
(DDR2-667@CL=5)
D5
(DDR2-533@CL=4)
CC
(DDR2-400@CL=3)
Unit
Notes
IDD0
TBD
1,420
1,265
mA
IDD1
TBD
1,540
1,330
mA
IDD2P
TBD
562
522
mA
IDD2Q
TBD
715
665
mA
IDD2N
TBD
730
670
mA
IDD3P-F
TBD
750
720
mA
IDD3P-S
TBD
375
365
mA
IDD3N
TBD
1,180
1,065
mA
IDD4W
TBD
2,115
1,635
mA
IDD4R
TBD
1,840
1,520
mA
IDD5B
TBD
2,005
1,900
mA
IDD6*
Normal
TBD
45
45
mA
IDD7
TBD
2,975
2,885
mA
M393T6453FG(Z)0 / M393T6453FG(Z)3 / M393T6453FZA : 512MB(32Mx8 *18) Module
* IDD6 = DRAM current + standby current of PLL and Register
** Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Symbol
E6
(DDR2-667@CL=5)
D5
(DDR2-533@CL=4)
CC
(DDR2-400@CL=3)
Unit
Notes
IDD0
TBD
1,790
1,665
mA
IDD1
TBD
1,920
1,770
mA
IDD2P
TBD
784
724
mA
IDD2Q
TBD
1,110
1,040
mA
IDD2N
TBD
1,090
1,060
mA
IDD3P-F
TBD
1,190
1,130
mA
IDD3P-S
TBD
600
570
mA
IDD3N
TBD
1,480
1,415
mA
IDD4W
TBD
2,515
2,045
mA
IDD4R
TBD
2,240
1,920
mA
IDD5B
TBD
2,395
2,260
mA
IDD6*
Normal
TBD
90
90
mA
IDD7
TBD
3,605
3,365
mA


Similar Part No. - M393T6453FZ0-CC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T6553BG SAMSUNG-M393T6553BG Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T6553BG0-CD5/CC SAMSUNG-M393T6553BG0-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T6553BG3-CD5/CC SAMSUNG-M393T6553BG3-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T6553BZ0-CD5/CC SAMSUNG-M393T6553BZ0-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T6553BZ3-CD5/CC SAMSUNG-M393T6553BZ3-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
More results

Similar Description - M393T6453FZ0-CC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T6553CZ3 SAMSUNG-M393T6553CZ3 Datasheet
476Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb C-die 72-bit ECC
M393T6553BG SAMSUNG-M393T6553BG Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M390S2858ETU SAMSUNG-M390S2858ETU Datasheet
662Kb / 26P
   168pin Registered Module based on 256Mb E-die with 72-bit ECC
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M312L5128MT0 SAMSUNG-M312L5128MT0 Datasheet
178Kb / 14P
   DDR SDRAM Registered Module ( TSOP-II ) 184pin Registered Module based on 1Gb M-die with 1,200mil Height & 72-bit ECC
logo
Hynix Semiconductor
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Samsung semiconductor
M393T2863AZ3-CD5 SAMSUNG-M393T2863AZ3-CD5 Datasheet
526Kb / 22P
   DDR2 Registered SDRAM MODULE
M393T5663CZ3 SAMSUNG-M393T5663CZ3 Datasheet
620Kb / 26P
   DDR2 Registered SDRAM MODULE
logo
Hynix Semiconductor
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com