Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCK3807A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCK3807A
Description  1:10 LVTTL clock distribution device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK3807A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCK3807A Datasheet HTML 3Page - NXP Semiconductors PCK3807A Datasheet HTML 4Page - NXP Semiconductors PCK3807A Datasheet HTML 5Page - NXP Semiconductors PCK3807A Datasheet HTML 6Page - NXP Semiconductors PCK3807A Datasheet HTML 7Page - NXP Semiconductors PCK3807A Datasheet HTML 8Page - NXP Semiconductors PCK3807A Datasheet HTML 9Page - NXP Semiconductors PCK3807A Datasheet HTML 10Page - NXP Semiconductors PCK3807A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Philips Semiconductors
Product data sheet
PCK3807A
1:10 LVTTL clock distribution device
2004 Aug 27
7
TEST CIRCUITS
SW00975
D.U.T.
VIN
V OUT
VCC
RT
VCC
100
100
10 pF
PULSE
GENERATOR
Figure 2. ZO = 50 W TO VCC/2, CL = 10 pF
SW00976
D.U.T.
VIN
V OUT
VCC
RT
50
10 pF
PULSE
GENERATOR
220 pF
The capacitor value for ac termination is determined by the
operating frequency. For very low frequencies a higher capacitor
value should be selected.
Figure 3. ZO = 50 W AC termination, CL = 10 pF
SW00977
D.U.T.
30 pF
PULSE
GENERATOR
CL
VOUT
VCC
RT
VIN
Figure 4. CL = 30 pF circuit
SW00978
D.U.T.
PULSE
GENERATOR
CL
VOUT
VCC
RT
VIN
50 pF
Figure 5. CL = 50 pF circuit


Similar Part No. - PCK3807A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK351 PHILIPS-PCK351 Datasheet
316Kb / 17P
   1:10 clock distribution device with 3-State outputs
Rev. 01-14 May 2002
PCK351D PHILIPS-PCK351D Datasheet
316Kb / 17P
   1:10 clock distribution device with 3-State outputs
Rev. 01-14 May 2002
PCK351DB PHILIPS-PCK351DB Datasheet
316Kb / 17P
   1:10 clock distribution device with 3-State outputs
Rev. 01-14 May 2002
More results

Similar Description - PCK3807A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN1111 PHILIPS-PTN1111 Datasheet
53Kb / 5P
   1:10 PECL clock distribution device
2001 Jun 19
PTN2111 PHILIPS-PTN2111 Datasheet
64Kb / 8P
   1:10 LVDS clock distribution device
2001 Jun 19
PCK351 PHILIPS-PCK351 Datasheet
316Kb / 17P
   1:10 clock distribution device with 3-State outputs
Rev. 01-14 May 2002
logo
National Semiconductor ...
DP83241 NSC-DP83241 Datasheet
258Kb / 20P
   CDD Device (FDDI Clock Distribution Device)
logo
Cypress Semiconductor
B9946 CYPRESS-B9946 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:10 Clock Distribution Buffer
logo
Semtech Corporation
SK10EL15WD SEMTECH-SK10EL15WD Datasheet
94Kb / 4P
   1:4 Clock Distribution
logo
Micrel Semiconductor
SY10EL15 MICREL-SY10EL15 Datasheet
69Kb / 5P
   1:4 CLOCK DISTRIBUTION
logo
Pericom Semiconductor C...
PI90LV14 PERICOM-PI90LV14 Datasheet
121Kb / 6P
   1:5 Clock Distribution
logo
ON Semiconductor
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
logo
Micrel Semiconductor
SY100EL15L MICREL-SY100EL15L_06 Datasheet
60Kb / 5P
   3.3V 1:4 CLOCK DISTRIBUTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com