Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8571SC6006-BA Datasheet(PDF) 3 Page - California Eastern Labs

Part # NX8571SC6006-BA
Description  1550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8571SC6006-BA Datasheet(HTML) 3 Page - California Eastern Labs

  NX8571SC6006-BA Datasheet HTML 1Page - California Eastern Labs NX8571SC6006-BA Datasheet HTML 2Page - California Eastern Labs NX8571SC6006-BA Datasheet HTML 3Page - California Eastern Labs NX8571SC6006-BA Datasheet HTML 4Page - California Eastern Labs NX8571SC6006-BA Datasheet HTML 5Page - California Eastern Labs NX8571SC6006-BA Datasheet HTML 6Page - California Eastern Labs NX8571SC6006-BA Datasheet HTML 7Page - California Eastern Labs NX8571SC6006-BA Datasheet HTML 8Page - California Eastern Labs NX8571SC6006-BA Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NX8571 Series
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Forward Current of LD
IF
300
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
20
V
Operating Case Temperature
TC
−20 to +70
°C
Storage Temperature
Tstg
−40 to +85
°C
Lead Soldering Temperature
Tsld
260 (10 sec.)
°C
ELECTRO-OPTICAL CHARACTERISTICS (TLD = Tset, TC =
−5 to +70°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Laser Set Temperature
Tset
Single channel
20
35
°C
4 channel tunable
10
45
Forward Voltage
VF
Pf = 10 mW
0.9
1.2
2.5
V
Threshold Current
Ith
20
40
mA
Operation Current
Iop
Pf = 10 mW
70
125
mA
Optical Output Power from Fiber
Pf
IF = 125 mA, TLD = Tset
10
mW
Peak Emission Wavelength
λp
Pf = 10 mW, CW, TLD = Tset
1 530
ITU-T
*1
1 609
nm
Wevelength Stability
TLD = Tset, applicable to wavelength
monitor, E.O.L
−20
+20
pm
Spectral Line Width
ν
Pf = 10 mW, CW, 3 dB down
1
2
MHz
Side Mode Suppression Ratio
SMSR
Pf = 10 mW, CW
35
45
dB
Relative Intensity Noise
RIN
Pf = 10 mW, 20 MHz to 3 GHz
−150
dB/Hz
Optical Isolation
Is
Pf = 10 mW, CW
30
dB
Polarization Extinction Ratio
*2
ext
Pf = 10 mW, CW
20
dB
*1 Available for DWDM wavelengths based on ITU-T recommendations (50 GHz grid).
Please refer to Table A.
*2 Polarization state of LD is aligned parallel to the slow axis.
Data Sheet PL10136EJ03V0DS
3


Similar Part No. - NX8571SC6006-BA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8571SC602D-BA RENESAS-NX8571SC602D-BA Datasheet
313Kb / 17P
   LASER DIODE
2005
More results

Similar Description - NX8571SC6006-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8570 CEL-NX8570 Datasheet
794Kb / 14P
   1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
logo
NEC
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
   CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
logo
Source Photonics, Inc.
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
   Analog 1550 nm MQW-DFB Laser Diode Module
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com