Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZU04 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL27WZU04
Description  Dual Unbuffered Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZU04 Datasheet(HTML) 4 Page - ON Semiconductor

  NL27WZU04 Datasheet HTML 1Page - ON Semiconductor NL27WZU04 Datasheet HTML 2Page - ON Semiconductor NL27WZU04 Datasheet HTML 3Page - ON Semiconductor NL27WZU04 Datasheet HTML 4Page - ON Semiconductor NL27WZU04 Datasheet HTML 5Page - ON Semiconductor NL27WZU04 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NL27WZU04
http://onsemi.com
4
VCC
GND
50%
50% VCC
A or B
Y
tPHL
tPLH
Figure 3. Switching Waveforms
PROPAGATION DELAYS
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
Figure 4. Test Circuit
CL = 50 pF or equivalent (includes jig and probe capacitance)
RL = R1 = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)
DEVICE ORDERING INFORMATION
Device Nomenclature
Package
Device
Order Number
Logic
Circuit
Indicator
No. of
Gates
per
Package
Temp
Range
Identifier
Technology
Device
Function
Package
Suffix
Tape &
Reel
Suffix
Package
Type
(Name/SOT#/
Common
Name)
Tape and
Reel Size
NL27WZU04DFT2
NL
2
7
WZ
U04
DF
T2
SC−88 /
SOT−363
/ SC−70
178 mm (7”)
3000 Unit
NL27WZU04DFT2G
NL
2
7
WZ
U04
DF
T2
SC−88 /
SOT−363
/ SC−70
(Pb−Free)
178 mm (7”)
3000 Unit
NL27WZU04DTT1
NL
2
7
WZ
U04
DT
T1
TSOP−6 /
SOT−23
/ SC−59
178 mm (7”)
3000 Unit
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NL27WZU04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZU04 ONSEMI-NL27WZU04 Datasheet
78Kb / 6P
   Dual Unbuffered Inverter
February, 2007 ??Rev. 5
NL27WZU04 ONSEMI-NL27WZU04 Datasheet
122Kb / 6P
   Dual Unbuffered Inverter
June, 2012 ??Rev. 9
NL27WZU04 ONSEMI-NL27WZU04 Datasheet
341Kb / 14P
   Dual Unbuffered Inverter
April, 2022 - Rev. 13
NL27WZU04DBVT1G ONSEMI-NL27WZU04DBVT1G Datasheet
341Kb / 14P
   Dual Unbuffered Inverter
April, 2022 - Rev. 13
NL27WZU04DFT2 ONSEMI-NL27WZU04DFT2 Datasheet
78Kb / 6P
   Dual Unbuffered Inverter
February, 2007 ??Rev. 5
More results

Similar Description - NL27WZU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2GU04 NXP-74HC2GU04 Datasheet
93Kb / 15P
   Dual unbuffered inverter
Rev. 01-6 October 2006
logo
ON Semiconductor
NLX2GU04 ONSEMI-NLX2GU04 Datasheet
92Kb / 8P
   Dual Unbuffered Inverter
March, 2008 - Rev. 0
logo
Nexperia B.V. All right...
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
   Dual unbuffered inverter
Rev. 13 - 20 January 2022
74HC2GU04_Q100 NEXPERIA-74HC2GU04_Q100 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
logo
NXP Semiconductors
74HC2GU04 PHILIPS-74HC2GU04_15 Datasheet
169Kb / 16P
   Dual unbuffered inverter
Rev. 2-20 August 2014
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04 Datasheet
145Kb / 8P
   Dual Unbuffered Inverter
August, 2009 ??Rev. 3
logo
Nexperia B.V. All right...
74LVC2GU04-Q100 NEXPERIA-74LVC2GU04-Q100 Datasheet
226Kb / 13P
   Dual unbuffered inverter
74HC2GU04 NEXPERIA-74HC2GU04 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04_16 Datasheet
76Kb / 8P
   Dual Unbuffered Inverter
July, 2016 ??Rev. 5
NL27WZU04 ONSEMI-NL27WZU04_12 Datasheet
122Kb / 6P
   Dual Unbuffered Inverter
June, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com