Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S64323LF-SU75-PB Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K4S64323LF-SU75-PB
Description  2Mx32 Mobile SDRAM 90FBGA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S64323LF-SU75-PB Datasheet(HTML) 6 Page - Samsung semiconductor

  K4S64323LF-SU75-PB Datasheet HTML 1Page - Samsung semiconductor K4S64323LF-SU75-PB Datasheet HTML 2Page - Samsung semiconductor K4S64323LF-SU75-PB Datasheet HTML 3Page - Samsung semiconductor K4S64323LF-SU75-PB Datasheet HTML 4Page - Samsung semiconductor K4S64323LF-SU75-PB Datasheet HTML 5Page - Samsung semiconductor K4S64323LF-SU75-PB Datasheet HTML 6Page - Samsung semiconductor K4S64323LF-SU75-PB Datasheet HTML 7Page - Samsung semiconductor K4S64323LF-SU75-PB Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
K4S64323LF-S(D)N/U/P
Rev. 1.5 Dec 2002
CMOS SDRAM
VDDQ
500
500
Output
30pF
VOH (DC) = VDDQ -0.2V, IOH = -0.1mA
VOL (DC) = 0.2V, IOL = 0.1mA
Vtt=0.5 x VDDQ
50
Output
30pF
Z0=50
(Fig. 2) AC Output Load Circuit
(Fig. 1) DC Output Load Circuit
AC OPERATING TEST CONDITIONS (VDD = 2.5V
± 0.2V, TA = -25°C to 85°C for Extended, -40°C to 85°C for Industrial)
Parameter
Value
Unit
AC input levels (Vih/Vil)
0.9 x V DDQ / 0.2
V
Input timing measurement reference level
0.5 x VDDQ
V
Input rise and fall time
tr/tf = 1/1
ns
Output timing measurement reference level
0.5 x VDDQ
V
Output load condition
See Fig. 2
OPERATING AC PARAMETER(AC operating conditions unless otherwise noted)
Notes :
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time
and then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. Minimum tRDL=2CLK and tDAL(=tRDL + tRP) is required to complete both of last data wite command(tRDL) and precharge
command(tRP). tRDL=1CLK can be supported only in the case under 100MHz with manual precharge mode.
4. All parts allow every cycle column address change.
5. In case of row precharge interrupt, auto precharge and read burst stop.
Parameter
Symbol
Version
Unit
Note
- 75
-1H
-1L
-15
Row active to row active delay
tRRD (min)
15
19
19
30
ns
1
RAS to CAS delay
tRCD (min)
19
19
24
30
ns
1
Row precharge time
tRP(min)
19
19
24
30
ns
1
Row active time
tRAS(min)
45
50
60
60
ns
1
tRAS(max)
100
us
Row cycle time
tRC(min)
65
70
84
90
ns
1
Last data in to row precharge
tRDL(min)
2
CLK
2,3
Last data in to Active delay
tDAL (min)
tRDL + tRP
-
3
Last data in to new col. address delay
tCDL(min)
1
CLK
2
Last data in to burst stop
tBDL (min)
1
CLK
2
Col. address to col. address delay
tCCD (min)
1
CLK
4
Number of valid output data
CAS latency=3
2
ea
5
CAS latency=2
1
CAS latency=1
-
0


Similar Part No. - K4S64323LF-SU75-PB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S64323LF-S SAMSUNG-K4S64323LF-S Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-SG/S15 SAMSUNG-K4S64323LF-SG/S15 Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-SG/S1H SAMSUNG-K4S64323LF-SG/S1H Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-SG/S1L SAMSUNG-K4S64323LF-SG/S1L Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-SG/S75 SAMSUNG-K4S64323LF-SG/S75 Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
More results

Similar Description - K4S64323LF-SU75-PB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S64323LF-S SAMSUNG-K4S64323LF-S Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S643233F SAMSUNG-K4S643233F Datasheet
62Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
K4M563233D SAMSUNG-K4M563233D Datasheet
65Kb / 8P
   8Mx32 Mobile SDRAM 90FBGA
K4M283233H SAMSUNG-K4M283233H Datasheet
151Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323LF SAMSUNG-K4S56323LF Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S563233F SAMSUNG-K4S563233F Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323PH-F SAMSUNG-K4M28323PH-F Datasheet
144Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C SAMSUNG-K4M513233C Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323PF SAMSUNG-K4S56323PF Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S51323L SAMSUNG-K4S51323L Datasheet
144Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com